Electronic Components Datasheet Search
  English  ▼

X  

AD8429 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8429
Description  1 nV/?숰z Low Noise Instrumentation Amplifier 짹4 V to 짹18 V dual supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429 Datasheet(HTML) 3 Page - Analog Devices

  AD8429 Datasheet HTML 1Page - Analog Devices AD8429 Datasheet HTML 2Page - Analog Devices AD8429 Datasheet HTML 3Page - Analog Devices AD8429 Datasheet HTML 4Page - Analog Devices AD8429 Datasheet HTML 5Page - Analog Devices AD8429 Datasheet HTML 6Page - Analog Devices AD8429 Datasheet HTML 7Page - Analog Devices AD8429 Datasheet HTML 8Page - Analog Devices AD8429 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8429
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 10 kΩ, unless otherwise noted.
Table 1.
A Grade
B Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION
RATIO (CMRR)
CMRR DC to 60 Hz with 1 kΩ
Source Imbalance
VCM = ±10 V
G = 1
80
90
dB
G = 10
100
110
dB
G = 100
120
130
dB
G = 1000
134
140
dB
CMRR at 5 kHz
VCM = ±10 V
G = 1
76
80
dB
G = 10
90
90
dB
G = 100
90
90
dB
G = 1000
90
90
dB
VOLTAGE NOISE, RTI
VIN+, VIN− = 0 V
Spectral Density1: 1 kHz
Input Voltage Noise, eni
1.0
1.0
nV/√Hz
Output Voltage Noise, eno
45
45
nV/√Hz
Peak to Peak: 0.1 Hz to 10 Hz
G = 1
2
2
μV p-p
G = 1000
100
100
nV p-p
CURRENT NOISE
Spectral Density: 1 kHz
1.5
1.5
pA/√Hz
Peak to Peak: 0.1 Hz to 10 Hz
100
100
pA p-p
VOLTAGE OFFSET2
Input Offset, VOSI
150
50
μV
Average TC
0.1
1
0.1
0.3
μV/°C
Output Offset, VOSO
1000
500
μV
Average TC
3
10
3
10
μV/°C
Offset RTI vs. Supply (PSR)
VS = ±5 V to ±15 V
G = 1
90
100
dB
G = 10
110
120
dB
G = 100
130
130
dB
G = 1000
130
130
dB
INPUT CURRENT
Input Bias Current
300
150
nA
Average TC
250
250
pA/°C
Input Offset Current
100
30
nA
Average TC
15
15
pA/°C
DYNAMIC RESPONSE
Small Signal Bandwidth: –3 dB
G = 1
15
15
MHz
G = 10
4
4
MHz
G = 100
1.2
1.2
MHz
G = 1000
0.15
0.15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com