Electronic Components Datasheet Search
  English  ▼

X  

AD8429 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8429
Description  1 nV/?숰z Low Noise Instrumentation Amplifier 짹4 V to 짹18 V dual supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8429 Datasheet HTML 12Page - Analog Devices AD8429 Datasheet HTML 13Page - Analog Devices AD8429 Datasheet HTML 14Page - Analog Devices AD8429 Datasheet HTML 15Page - Analog Devices AD8429 Datasheet HTML 16Page - Analog Devices AD8429 Datasheet HTML 17Page - Analog Devices AD8429 Datasheet HTML 18Page - Analog Devices AD8429 Datasheet HTML 19Page - Analog Devices AD8429 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8429
Rev. 0 | Page 16 of 20
For best performance, maintain a source impedance to the REF
terminal that is well below 1 Ω. As shown in Figure 46, the
reference terminal, REF, is at one end of a 5 kΩ resistor.
Additional impedance at the REF terminal adds to this 5 kΩ
resistor and results in amplification of the signal connected to
the positive input. The amplification from the additional RREF
can be calculated as follows:
2(5 kΩ + RREF)/(10 kΩ + RREF)
Only the positive signal path is amplified; the negative path
is unaffected. This uneven amplification degrades CMRR.
INCORRECT
V
CORRECT
AD8429
OP1177
+
–
V
REF
AD8429
REF
Figure 47. Driving the Reference Pin
INPUT VOLTAGE RANGE
Figure 4 and Figure 5 show the allowable common-mode input
voltage ranges for various output voltages and supply voltages.
The 3-op
-amp architecture of the AD8429 applies gain in the
first stage before removing common-mode voltage with the
difference amplifier stage. Internal nodes between the first and
second stages (Node 1 and Node 2 in Figure 46) experience a
combination of a gained signal, a common-mode signal, and a
diode drop. This combined signal can be limited by the voltage
supplies even when the individual input and output signals are
not limited.
LAYOUT
To ensure optimum performance of the AD8429 at the PCB
level, care must be taken in the design of the board layout. The
pins of the AD8429 are arranged in a logical manner to aid in
this task.
8
7
6
5
1
2
3
4
–IN
RG
RG
+VS
VOUT
REF
–VS
+IN
TOP VIEW
(Not to Scale)
AD8429
Figure 48. Pinout Diagram
Common-Mode Rejection Ratio over Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp.
Such conversions occur when one input path has a frequency
response that is different from the other. To maintain high
CMRR over frequency, closely match the input source
impedance and capacitance of each path. Place additional
source resistance in the input path (for example, for input
protection) close to the in-amp inputs, which minimizes their
interaction with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain setting pins can also affect CMRR
over frequency. If the board design has a component at the gain
setting pins (for example, a switch or jumper), choose a component
such that the parasitic capacitance is as small as possible.
Power Supplies and Grounding
Use a stable dc voltage to power the instrumentation amplifier.
Noise on the supply pins can adversely affect performance. See
the PSRR performance curves in Figure 9 and Figure 10 for more
information.
Place a 0.1 μF capacitor as close as possible to each supply pin.
Because the length of the bypass capacitor leads is critical at
high frequency, surface-mount capacitors are recommended. A
parasitic inductance in the bypass ground trace works against
the low impedance created by the bypass capacitor. As shown in
Figure 49, a 10 μF capacitor can be used farther away from the
device. For larger value capacitors, intended to be effective at
lower frequencies, the current return path distance is less critical.
In most cases, this capacitor can be shared by other precision
integrated circuits.
AD8429
+VS
+IN
–IN
LOAD
RG
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 49. Supply Decoupling, REF, and Output Referred to Local Ground
A ground plane layer is helpful to reduce parasitic inductances.
This minimizes voltage drops with changes in current. The area
of the current path is directly proportional to the magnitude of
parasitic inductances and, therefore, the impedance of the path
at high frequency. Large changes in currents in an inductive
decoupling path or ground return create unwanted effects, due
to the coupling of such changes into the amplifier inputs.
Because load currents flow from the supplies, the load should
be connected at the same physical location as the bypass capa-
citor grounds.
Reference Pin
The output voltage of the AD8429 is developed with respect to
the potential on the reference terminal. Ensure that REF is tied
to the appropriate local ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com