Electronic Components Datasheet Search
  English  ▼

X  

AD9146BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9146BCPZ
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9146BCPZ Datasheet HTML 44Page - Analog Devices AD9146BCPZ Datasheet HTML 45Page - Analog Devices AD9146BCPZ Datasheet HTML 46Page - Analog Devices AD9146BCPZ Datasheet HTML 47Page - Analog Devices AD9146BCPZ Datasheet HTML 48Page - Analog Devices AD9146BCPZ Datasheet HTML 49Page - Analog Devices AD9146BCPZ Datasheet HTML 50Page - Analog Devices AD9146BCPZ Datasheet HTML 51Page - Analog Devices AD9146BCPZ Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
AD9146
Rev. 0 | Page 49 of 52
INTERFACE TIMING VALIDATION
The AD9146 provides on-chip sample error detection (SED)
circuitry that simplifies verification of the input data interface.
The SED circuitry compares the input data samples captured at
the digital input pins with a set of comparison values. The
comparison values are loaded into registers through the SPI
port. Differences between the captured values and the compar-
ison values are detected and stored. Options are available for
customizing SED test sequencing and error handling.
SED OPERATION
The SED circuitry operates on a data set made up of four 16-bit
input words divided into eight 8-bit input words, denoted as I0,
Q0, I1, and Q1. To properly align the input samples, the first I
data-word (that is, I0) is indicated by asserting FRAME for at
least one complete input sample.
Figure 69 shows the input timing of the interface in byte mode.
The FRAME signal can be issued once at the start of the data
transmission, or it can be asserted repeatedly at intervals coinciding
with the I0 and Q0 data-words.
FRAME
DATA
I0MSB
I0LSB
Q0MSB
Q0LSB
I1MSB
I1LSB
Q1MSB
Q1LSB
Figure 69. Timing Diagram of Extended FRAME Signal Required to Align
Input Data for SED
The SED has three flag bits (Register 0x67, Bit 5, Bit 1, and
Bit 0) that indicate the results of the input sample comparisons.
The sample error detected bit (Register 0x67, Bit 5) is set when
an error is detected and remains set until cleared. The SED also
provides registers that indicate which input data bits experienced
errors (Register 0x70 through Register 0x73). These bits are latched
and indicate the accumulated errors detected until cleared.
Autosample error detection (AED) is an autoclear function in the
SED. The autoclear mode has two effects: it activates the compare
fail bit and the compare pass bit (Register 0x67, Bit 1 and Bit 0) and
changes the behavior of Register 0x70 through Register 0x73. The
compare pass bit is set if the last comparison indicated that the
sample was error free. The compare fail bit is set if an error is
detected. The compare fail bit is automatically cleared by the
reception of eight consecutive error-free comparisons. When
autoclear mode is enabled, Register 0x70 through Register 0x73
accumulate errors as previously described but are reset to all 0s
after eight consecutive error-free sample comparisons are made.
If desired, the sample error detected, compare pass, and compare
fail flags can be configured to trigger the IRQ pin when active.
This is done by enabling the appropriate bits in the event flag
register (Register 0x07).
Table 26 shows a progression of the input sample comparison
results and the corresponding states of the error flags.
Table 26. Progression of Input Sample Comparison Results and the Resulting SED Register Values
Compare Results (Pass/Fail)
P
F
F
F
P
P
P
P
P
P
P
P
P
F
P
F
Register 0x67, Bit 5 (sample error detected)
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Register 0x67, Bit 1 (compare fail)
0
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
Register 0x67, Bit 0 (compare pass)
1
0
0
0
1
1
1
1
1
1
1
1
1
0
1
0
Register 0x70 to Register 0x73
(Errors detected bits)
Z1
N2
N2
N2
N2
N2
N2
N2
N2
N2
N2
N2
Z1
N2
N2
N2
1 Z = all 0s.
2 N = nonzero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com