Electronic Components Datasheet Search
  English  ▼

X  

AD9146BCPZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9146BCPZ
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146BCPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9146BCPZ Datasheet HTML 26Page - Analog Devices AD9146BCPZ Datasheet HTML 27Page - Analog Devices AD9146BCPZ Datasheet HTML 28Page - Analog Devices AD9146BCPZ Datasheet HTML 29Page - Analog Devices AD9146BCPZ Datasheet HTML 30Page - Analog Devices AD9146BCPZ Datasheet HTML 31Page - Analog Devices AD9146BCPZ Datasheet HTML 32Page - Analog Devices AD9146BCPZ Datasheet HTML 33Page - Analog Devices AD9146BCPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AD9146
Rev. 0 | Page 30 of 52
Bypass DCI Delay Mode
INTERFACE TIMING
An additional option for the timing of the data, DCI, and
FRAME signals requires the DCI to be delayed by 90° ahead
of the data and FRAME signals. In bypass DCI delay mode, the
DCI signal is placed in the optimal data valid window outside
the part, and the delay circuitry inside the part is bypassed. This
mode provides a smaller sampling window that allows for a wider
range of placement area for correct sampling edges. The bypass
DCI delay mode is enabled by setting Bit 2 in Register 0x16 to 1.
The resulting setup and hold times for this mode are as follows:
The timing diagram for the digital interface port is shown in
Figure 37. The sampling point of the data bus nominally occurs
350 ps after each edge of the DCI signal and has an uncertainty
of ±300 ps, as illustrated by the data valid window shown in
Figure 37. The data and FRAME signals must be valid through-
out this window. The data and FRAME signals may change at
any time between data valid windows.
The setup (tS) and hold (tH) times, with respect to the edges,
are shown in Figure 37. The minimum setup and hold times
are shown in Table 14.
•
Minimum setup time (tS): 0.27 ns
•
Minimum hold time (tH): 0.09 ns
DCI
DATA
tDATA
tDATA
DATA VALID
WINDOW
tS
tH
tS
tH
•
Sampling interval: 0.36 ns
Figure 38 shows the timing for the bypass DCI delay mode.
DCI
DATA
tDATA
tDATA
tH
tS
DATA VALID
WINDOW
tH
tS
Figure 37. Timing Diagram for Input Data Port
Table 14. Data to DCI Setup and Hold Times
DCI Delay
Register 0x16,
Bits[1:0]
Minimum Setup
Time, tS (ns)
Minimum Hold
Time, tH (ns)
Sampling
Interval (ns)
Figure 38. Timing Diagram for Input Data Port (Bypass DCI Delay Mode)
The data interface timing can be verified using the sample error
detection (SED) circuitry. See the Interface Timing Validation
section for more information.
00
0.12
0.45
0.57
01
−0.01
0.74
0.73
10
−0.2
1.03
0.83
11
−0.28
1.16
0.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com