Electronic Components Datasheet Search
  English  ▼

X  

AD9484 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 1 Page - Analog Devices

  AD9484 Datasheet HTML 1Page - Analog Devices AD9484 Datasheet HTML 2Page - Analog Devices AD9484 Datasheet HTML 3Page - Analog Devices AD9484 Datasheet HTML 4Page - Analog Devices AD9484 Datasheet HTML 5Page - Analog Devices AD9484 Datasheet HTML 6Page - Analog Devices AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8-Bit, 500 MSPS,
1.8 V Analog-to-Digital Converter
AD9484
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 47 dBFS at fIN up to 250 MHz at 500 MSPS
ENOB of 7.5 bits at fIN up to 250 MHz at 500 MSPS (−1.0 dBFS)
SFDR = 79 dBc at fIN up to 250 MHz at 500 MSPS (−1.0 dBFS)
Integrated input buffer
Excellent linearity
DNL = ±0.1 LSB typical
INL = ±0.1 LSB typical
LVDS at 500 MSPS (ANSI-644 levels)
1 GHz full power analog bandwidth
On-chip reference, no external decoupling required
Low power dissipation
670 mW at 500 MSPS—LVDS SDR output
Programmable (nominal) input voltage range
1.18 V p-p to 1.6 V p-p, 1.5 V p-p nominal
1.8 V analog and digital supply operation
Selectable output data format (offset binary, twos
complement, Gray code)
Clock duty cycle stabilizer
Integrated data capture clock
APPLICATIONS
Wireless and wired broadband communications
Cable reverse path
Communications test equipment
Low cost digital oscilloscopes
Satellite subsystems
Power amplifier linearization
FUNCTIONAL BLOCK DIAGRAM
AGND
PWDN
VREF
AVDD
VIN+
VIN–
CML
TRACK-AND-HOLD
REFERENCE
ADC
CORE
OUTPUT
STAGING
LVDS
CLK+
CLK–
CLOCK
MANAGEMENT
SERIAL PORT
SCLK/DFS
SDIO
CSB
DCO–
DCO+
OR–
OR+
D7± TO D0±
DRGND
DRVDD
8
8
AD9484
Figure 1.
GENERAL DESCRIPTION
The AD9484 is an 8-bit, monolithic, sampling analog-to-digital
converter (ADC) optimized for high performance, low power,
and ease of use. The part operates at up to a 500 MSPS conver-
sion rate and is optimized for outstanding dynamic performance
in wideband carrier and broadband systems. All necessary
functions, including a sample-and-hold and voltage reference,
are included on the chip to provide a complete signal conversion
solution. The VREF pin can be used to monitor the internal
reference or provide an external voltage reference (external
reference mode must be enabled through the SPI port).
The ADC requires a 1.8 V analog voltage supply and a differen-
tial clock for full performance operation. The digital outputs are
LVDS (ANSI-644) compatible and support twos complement,
offset binary format, or Gray code. A data clock output is available
for proper output data timing.
Fabricated on an advanced BiCMOS process, the AD9484 is availa-
ble in a 56-lead LFCSP, and is specified over the industrial
temperature range (−40°C to +85°C). This product is protected
by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
High Performance.
Maintains 47 dBFS SNR at 500 MSPS with a 250 MHz input.
2.
Ease of Use.
LVDS output data and output clock signal allow interface
to current FPGA technology. The on-chip reference and
sample-and-hold provide flexibility in system design. Use
of a single 1.8 V supply simplifies system power supply design.
3.
Serial Port Control.
Standard serial port interface supports various product
functions, such as data formatting, power-down, gain
adjust, and output test pattern generation.


Similar Part No. - AD9484

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9484 AD-AD9484 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
AD9484-500EBZ AD-AD9484-500EBZ Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
AD9484BCPZ-500 AD-AD9484BCPZ-500 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
AD9484BCPZRL7-500 AD-AD9484BCPZRL7-500 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
More results

Similar Description - AD9484

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9284 AD-AD9284 Datasheet
626Kb / 24P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286 Datasheet
646Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com