Electronic Components Datasheet Search
  English  ▼

X  

AD9484 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 3 Page - Analog Devices

  AD9484 Datasheet HTML 1Page - Analog Devices AD9484 Datasheet HTML 2Page - Analog Devices AD9484 Datasheet HTML 3Page - Analog Devices AD9484 Datasheet HTML 4Page - Analog Devices AD9484 Datasheet HTML 5Page - Analog Devices AD9484 Datasheet HTML 6Page - Analog Devices AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD9484
Rev. A | Page 3 of 24
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table
1.
Parameter1
Temp
Min
Typ
Max
Unit
RESOLUTION
8
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
25°C
0
mV
Full
−3.0
+3.0
mV
Gain Error
25°C
1.0
% FS
Full
−5.0
+7.0
% FS
Differential Nonlinearity (DNL)
25°C
±0.13
LSB
Full
−0.25
+0.25
LSB
Integral Nonlinearity (INL)
25°C
±0.1
LSB
Full
−0.15
+0.15
LSB
INTERNAL REFERENCE
VREF
Full
0.71
0.75
0.78
V
TEMPERATURE DRIFT
Offset Error
Full
18
μV/°C
Gain Error
Full
0.07
%/°C
ANALOG INPUTS (VIN+, VIN−)
Differential Input Voltage Range2
Full
1.18
1.5
1.6
V p-p
Input Common-Mode Voltage
Full
1.7
V
Input Resistance (Differential)
Full
1
kΩ
Input Capacitance (Differential)
Full
1.3
pF
POWER SUPPLY
AVDD
Full
1.75
1.8
1.9
V
DRVDD
Full
1.75
1.8
1.9
V
Supply Currents
IAVDD3
Full
283
300
mA
IDRVDD3/SDR Mode4
Full
89
100
mA
Power Dissipation
SDR Mode4
Full
670
720
mW
Standby Mode
Full
40
50
mW
Power-Down Mode
Full
2.5
7
mW
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2 The input range is programmable through the SPI, and the range specified reflects the nominal values of each setting. See the
section.
Memory Map
3 IAVDD and IDRVDD are measured with a −1 dBFS, 10.3 MHz sine input at a rated sample rate.
4 Single data rate mode; this is the default mode of the AD9484.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com