Electronic Components Datasheet Search
  English  ▼

X  

AD9484 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9484 Datasheet HTML 6Page - Analog Devices AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices AD9484 Datasheet HTML 10Page - Analog Devices AD9484 Datasheet HTML 11Page - Analog Devices AD9484 Datasheet HTML 12Page - Analog Devices AD9484 Datasheet HTML 13Page - Analog Devices AD9484 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9484
Rev. A | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, rated sample rate, TA = 25°C, 1.5 V p-p differential input, AIN = −1 dBFS, unless otherwise noted.
–100
–80
–60
–40
–20
–10
–90
–70
–50
–30
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
500MSPS
30.3MHz AT –1.0dBFS
SNR: 46.0dB
ENOB: 7.5 BITS
200 220 240
SFDR: 82dBc
Figure 4. 64k Point Single-Tone FFT; 500 MSPS, 30.3 MHz
–100
–80
–60
–40
–20
–10
–90
–70
–50
–30
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
500MSPS
100.3MHz AT –1.0dBFS
SNR: 46.0dB
ENOB: 7.5 BITS
200 220 240
SFDR: 83dBc
Figure 5. 64k Point Single-Tone FFT; 500 MSPS, 100.3 MHz
–100
–80
–60
–40
–20
–10
–90
–70
–50
–30
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
500MSPS
140.3MHz AT –1.0dBFS
SNR: 46.0dB
ENOB: 7.5 BITS
200 220 240
SFDR: 82dBc
Figure 6. 64k Point Single-Tone FFT; 500 MSPS, 140.3 MHz
–100
–80
–60
–40
–20
–10
–90
–70
–50
–30
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
500MSPS
270.3MHz AT –1.0dBFS
SNR: 46.0dB
ENOB: 7.5 BITS
200 220 240
SFDR: 79dBc
Figure 7. 64k Point Single-Tone FFT; 500 MSPS, 270.3 MHz
–100
–80
–60
–40
–20
–10
–90
–70
–50
–30
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
200 220 240
500MSPS
450.3MHz AT –1.0dBFS
SNR: 45.9dB
ENOB: 7.5 BITS
SFDR: 70dBc
Figure 8. 64k Point Single-Tone FFT; 500 MSPS, 450.3 MHz
55
50
45
40
60
65
70
75
80
85
0
100
200
300
400
500
ANALOG INPUT FREQUECY (MHz)
SFDR (dBc), TA = –40°C
SFDR (dBc), TA =+85°C
SFDR (dBc), TA =+25°C
SNR (dBFS), TA = –40°C
SNR (dBFS), TA = +25°C
SNR (dBFS), TA = +85°C
Figure 9. Single-Tone SNR/SFDR vs. Input Frequency (fIN) and Temperature;
500 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com