Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8250
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8250 Datasheet HTML 10Page - Analog Devices AD8250 Datasheet HTML 11Page - Analog Devices AD8250 Datasheet HTML 12Page - Analog Devices AD8250 Datasheet HTML 13Page - Analog Devices AD8250 Datasheet HTML 14Page - Analog Devices AD8250 Datasheet HTML 15Page - Analog Devices AD8250 Datasheet HTML 16Page - Analog Devices AD8250 Datasheet HTML 17Page - Analog Devices AD8250 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8426
Preliminary Technical Data
Rev. PrD | Page 14 of 20
limiting resistors and low leakage diode clamps such as the
BAV199, the FJH1100s, or the SP720 should be used.
RADIO FREQUENCY INTERFERENCE (RFI)
RF interference is often a problem when amplifiers are used in
applications where there are strong RF signals. The precision
circuits in the AD8426 can rectify the RF signals so that they
appear as a dc offset voltage error. To avoid this rectification,
place a low-pass RC filter at the input of the instrumentation
amplifier (see Figure 13). The filter limits both the differential
and common-mode bandwidth, as shown in the following
equations:
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
C
CM
RC
uency
FilterFreq
π
2
1
where CD  10 CC.
R
R
AD8426
+VS
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–VS
RG
CD
10nF
CC
1nF
CC
1nF
4.02kΩ
4.02kΩ
Figure 13. RFI Suppression
CD affects the differential signal, and CC affects the common-
mode signal. Values of R and CC should be chosen to minimize
RFI. Any mismatch between the R × CC at the positive input
and the R × CC at the negative input degrades the CMRR of the
AD8426. By using a value of CD one order of magnitude larger
than CC, the effect of the mismatch is reduced, and performance
is improved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com