Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8250
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8250 Datasheet HTML 11Page - Analog Devices AD8250 Datasheet HTML 12Page - Analog Devices AD8250 Datasheet HTML 13Page - Analog Devices AD8250 Datasheet HTML 14Page - Analog Devices AD8250 Datasheet HTML 15Page - Analog Devices AD8250 Datasheet HTML 16Page - Analog Devices AD8250 Datasheet HTML 17Page - Analog Devices AD8250 Datasheet HTML 18Page - Analog Devices AD8250 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Preliminary Technical Data
AD8426
Rev. PrD | Page 15 of 20
APPLICATIONS INFORMATION
DIFFERENTIAL DRIVE
Figure 14 shows how to configure the AD8426 for differential
output.
+IN
–IN
REF
AD8426
VBIAS
R
+
–
OP AMP
+OUT
–OUT
R
RECOMMENDED OP AMPS: AD8515, AD8641, AD820.
RECOMMENDED R VALUES: 5kΩ to 20kΩ.
Figure 14. Differential Output Using an Op Amp
The differential output is set by the following equation:
VDIFF_OUT = VOUT+ − VOUT− = Gain × (VIN+ − VIN−)
The common-mode output is set by the following equation:
VCM_OUT = (VOUT+ − VOUT−)/2 = VBIAS
The advantage of this circuit is that the dc differential accuracy
depends on the AD8426 and not on the op amp or the resistors.
This circuit takes advantage of the precise control that the AD8426
has of its output voltage relative to the reference voltage. Op amp
dc performance and resistor matching do affect the dc common-
mode output accuracy. However, because common-mode errors
are likely to be rejected by the next device in the signal chain,
these errors typically have little effect on overall system accuracy.
Tips for Best Differential Output Performance
For best ac performance, an op amp with at least 2 MHz gain
bandwidth and 1 V/μs slew rate is recommended. Good choices
for op amps are the AD8641, AD8515, or AD820.
Keep trace lengths from resistors to the inverting terminal of
the op amp as short as possible. Excessive capacitance at this
node can cause the circuit to be unstable. If capacitance cannot
be avoided, use lower value resistors.
For best linearity and ac performance, a minimum positive
supply voltage (+VS) is required. Table 9 shows the minimum
supply voltage required for optimum performance where
VCM_MAX indicates the maximum common-mode voltage
expected at the input of the AD8426.
Table 9. Minimum Positive Supply Voltage
Temperature
Equation
Less than −10°C
+VS > (VCM_MAX + VBIAS)/2 + 1.4 V
−10°C to +25°C
+VS > (VCM_MAX + VBIAS)/2 + 1.25 V
More than +25°C
+VS > (VCM_MAX + VBIAS)/2 + 1.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com