Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8250
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8250 Datasheet HTML 12Page - Analog Devices AD8250 Datasheet HTML 13Page - Analog Devices AD8250 Datasheet HTML 14Page - Analog Devices AD8250 Datasheet HTML 15Page - Analog Devices AD8250 Datasheet HTML 16Page - Analog Devices AD8250 Datasheet HTML 17Page - Analog Devices AD8250 Datasheet HTML 18Page - Analog Devices AD8250 Datasheet HTML 19Page - Analog Devices AD8250 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8426
Preliminary Technical Data
Rev. PrD | Page 16 of 20
PRECISION STRAIN GAGE
The low offset and high CMRR over frequency of the AD8426
make it an excellent candidate for bridge measurements. The
bridge can be connected directly to the inputs of the amplifier
(see Figure 15).
5V
2.5V
10µF
0.1µF
AD8426
+IN
–IN
RG
350Ω
350Ω
350Ω
350Ω
+
–
Figure 15. Precision Strain Gage
DRIVING AN ADC
Figure 16 shows several different methods of driving an ADC.
The ADC in the ADuC7026 microcontroller was chosen for this
example because it has an unbuffered, charge sampling
architecture that is typical of most modern ADCs. This type of
architecture typically requires an RC buffer stage between the
ADC and the amplifier to work correctly.
Option 1 shows the minimum configuration required to drive
a charge sampling ADC. The capacitor provides charge to the
ADC sampling capacitor, and the resistor shields the AD8426
from the capacitance. To keep the AD8426 stable, the RC time
constant of the resistor and capacitor needs to stay above 5 μs.
This circuit is mainly useful for lower frequency signals.
Option 2 shows a circuit for driving higher frequency signals.
It uses a precision op amp (AD8616) with relatively high band-
width and output drive. This amplifier can drive a resistor and
capacitor with a much higher time constant and is, therefore,
suited for higher frequency applications.
Option 3 is useful for applications where the AD8426 needs to
run off a large voltage supply, but drives a single supply ADC.
In normal operation, the AD8426 output stays within the ADC
range, and the AD8616 simply buffers it. However, in a fault
condition, the output of the AD8426 may go outside the supply
range of both the AD8616 and the ADC. This is not an issue in
this circuit, because the 10 kΩ resistor between the two
amplifiers limits the current into the AD8616 to a safe level.
AD8426
REF
100nF
100Ω
10kΩ
10Ω
10nF
ADC0
ADC1
ADC2
AGND
3.3V
3.3V
3.3V
OPTION 1: DRIVING LOW FREQUENCY SIGNALS
OPTION 2: DRIVING HIGH FREQUENCY SIGNALS
OPTION 3: PROTECTING ADC FROM LARGE VOLTAGES
3.3V
AD8426
AD8616
ADuC7026
REF
3.3V
10Ω
10nF
AD8426
AD8616
REF
+15V
–15V
AVDD
Figure 16. Driving an ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com