Electronic Components Datasheet Search
  English  ▼

X  

ADN4605 Datasheet(PDF) 39 Page - Analog Devices

Part # ADN4605
Description  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADN4605 Datasheet HTML 35Page - Analog Devices ADN4605 Datasheet HTML 36Page - Analog Devices ADN4605 Datasheet HTML 37Page - Analog Devices ADN4605 Datasheet HTML 38Page - Analog Devices ADN4605 Datasheet HTML 39Page - Analog Devices ADN4605 Datasheet HTML 40Page - Analog Devices ADN4605 Datasheet HTML 41Page - Analog Devices ADN4605 Datasheet HTML 42Page - Analog Devices ADN4605 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ADN4605
Rev. 0 | Page 39 of 56
REGISTER MAP
In the Register Map, when settings are provided in the Description column for the first bit, note that these settings apply to all bits with
the same function.
Table 19. Register Map
Address: Channel
Default
Register Name
Bits
Bit Name
Description
0x00
0x00
Software Reset
0
Reset
Software reset
Write only
0x01
0x0
XPT Update
0
XPT Update
Updates crosspoint switch core
Write only
0x02
0x00
XPT Map Table
0
Map Table Select
0: Map 0 is selected
Select
1: Map 1 is selected
0x03
Write only
XPT Broadcast
5:0
XPT BCAST [5:0]
All outputs connection assignment
0x04
0x00
XPT Map 0 Control 0
5:0
OUT 0 [5:0]
Output 0 connection assignment
0x05
0x01
XPT Map 0 Control 1
5:0
OUT 1 [5:0]
Output 1 connection assignment
0x06
0x02
XPT Map 0 Control 2
5:0
OUT 2 [5:0]
Output 2 connection assignment
0x07
0x03
XPT Map 0 Control 3
5:0
OUT 3 [5:0]
Output 3 connection assignment
0x08
0x04
XPT Map 0 Control 4
5:0
OUT 4 [5:0]
Output 4 connection assignment
0x09
0x05
XPT Map 0 Control 5
5:0
OUT 5 [5:0]
Output 5 connection assignment
0x0A
0x06
XPT Map 0 Control 6
5:0
OUT 6 [5:0]
Output 6 connection assignment
0x0B
0x07
XPT Map 0 Control 7
5:0
OUT 7 [5:0]
Output 7 connection assignment
0x0C
0x08
XPT Map 0 Control 8
5:0
OUT 8 [5:0]
Output 8 connection assignment
0x0D
0x09
XPT Map 0 Control 9
5:0
OUT 9 [5:0]
Output 9 connection assignment
0x0E
0x0A
XPT Map 0 Control 10
5:0
OUT 10 [5:0]
Output 10 connection assignment
0x0F
0x0B
XPT Map 0 Control 11
5:0
OUT 11 [5:0]
Output 11 connection assignment
0x10
0x0C
XPT Map 0 Control 12
5:0
OUT 12 [5:0]
Output 12 connection assignment
0x11
0x0D
XPT Map 0 Control 13
5:0
OUT 13 [5:0]
Output 13 connection assignment
0x12
0x0E
XPT Map 0 Control 14
5:0
OUT 14 [5:0]
Output 14 connection assignment
0x13
0x0F
XPT Map 0 Control 15
5:0
OUT 15 [5:0]
Output 15 connection assignment
0x14
0x10
XPT Map 0 Control 16
5:0
OUT 16 [5:0]
Output 16 connection assignment
0x15
0x11
XPT Map 0 Control 17
5:0
OUT 17 [5:0]
Output 17 connection assignment
0x16
0x12
XPT Map 0 Control 18
5:0
OUT 18 [5:0]
Output 18 connection assignment
0x17
0x13
XPT Map 0 Control 19
5:0
OUT 19 [5:0]
Output 19 connection assignment
0x18
0x14
XPT Map 0 Control 20
5:0
OUT 20 [5:0]
Output 20 connection assignment
0x19
0x15
XPT Map 0 Control 21
5:0
OUT 21 [5:0]
Output 21 connection assignment
0x1A
0x16
XPT Map 0 Control 22
5:0
OUT 22 [5:0]
Output 22 connection assignment
0x1B
0x17
XPT Map 0 Control 23
5:0
OUT 23 [5:0]
Output 23 connection assignment
0x1C
0x18
XPT Map 0 Control 24
5:0
OUT 24 [5:0]
Output 24 connection assignment
0x1D
0x19
XPT Map 0 Control 25
5:0
OUT 25 [5:0]
Output 25 connection assignment
0x1E
0x1A
XPT Map 0 Control 26
5:0
OUT 26 [5:0]
Output 26 connection assignment
0x1F
0x1B
XPT Map 0 Control 27
5:0
OUT 27 [5:0]
Output 27 connection assignment
0x20
0x1C
XPT Map 0 Control 28
5:0
OUT 28 [5:0]
Output 28 connection assignment
0x21
0x1D
XPT Map 0 Control 29
5:0
OUT 29 [5:0]
Output 29 connection assignment
0x22
0x1E
XPT Map 0 Control 30
5:0
OUT 30 [5:0]
Output 30 connection assignment
0x23
0x1F
XPT Map 0 Control 31
5:0
OUT 31 [5:0]
Output 31 connection assignment
0x24
0x20
XPT Map 0 Control 32
5:0
OUT 32 [5:0]
Output 32 connection assignment
0x25
0x21
XPT Map 0 Control 33
5:0
OUT 33 [5:0]
Output 33 connection assignment
0x26
0x22
XPT Map 0 Control 34
5:0
OUT 34 [5:0]
Output 34 connection assignment
0x27
0x23
XPT Map 0 Control 35
5:0
OUT 35 [5:0]
Output 35 connection assignment
0x28
0x24
XPT Map 0 Control 36
5:0
OUT 36 [5:0]
Output 36 connection assignment
0x29
0x25
XPT Map 0 Control 37
5:0
OUT 37[5:0]
Output 37 connection assignment
0x2A
0x26
XPT Map 0 Control 38
5:0
OUT 38 [5:0]
Output 38 connection assignment
0x2B
0x27
XPT Map 0 Control 39
5:0
OUT 39 [5:0]
Output 39 connection assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com