Electronic Components Datasheet Search
  English  ▼

X  

ADN4605 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN4605
Description  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN4605 Datasheet HTML 9Page - Analog Devices ADN4605 Datasheet HTML 10Page - Analog Devices ADN4605 Datasheet HTML 11Page - Analog Devices ADN4605 Datasheet HTML 12Page - Analog Devices ADN4605 Datasheet HTML 13Page - Analog Devices ADN4605 Datasheet HTML 14Page - Analog Devices ADN4605 Datasheet HTML 15Page - Analog Devices ADN4605 Datasheet HTML 16Page - Analog Devices ADN4605 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ADN4605
Rev. 0 | Page 13 of 56
Pin No.
Mnemonic
Type
Description
N23
DATA2
Control
Parallel Control Interface: Register Data Bit 2.
N24
VTTIB
Power
Input Termination Supply (B). The VTTIB pins are normally tied to the
VTTIA pins.
N25
IN30
Input
High Speed Input Complement.
N26
IP31
Input
High Speed Input.
P1
IP11
Input
High Speed Input.
P2
IN10
Input
High Speed Input Complement.
P3
VTTIA
Power
Input Termination Supply (A). The VTTIA pins are normally tied to the
VTTIB pins.
P4
ADDR2
Control
Parallel Control Interface: Register Address Bit 2.
I2C Control Interface: Slave Address Bit 2.
P23
DATA3
Control
Parallel Control Interface: Register Data Bit 3.
P24
VTTIB
Power
Input Termination Supply (B). The VTTIB pins are normally tied to the
VTTIA pins.
P25
IP30
Input
High Speed Input.
P26
IN29
Input
High Speed Input Complement.
R1
IN11
Input
High Speed Input Complement.
R2
IP12
Input
High Speed Input.
R3
VCC
Power
Positive Supply.
R4
ADDR3
Control
Parallel Control Interface: Register Address Bit 3.
I2C Control Interface: Slave Address Bit 3.
R23
DATA4
Control
Parallel Control Interface: Register Data Bit 4.
R24
VCC
Power
Positive Supply.
R25
IN28
Input
High Speed Input Complement.
R26
IP29
Input
High Speed Input.
T1
IP13
Input
High Speed Input.
T2
IN12
Input
High Speed Input Complement.
T3
VCC
Power
Positive Supply.
T4
ADDR4
Control
Parallel Control Interface: Register Address Bit 4.
I2C Control Interface: Slave Address Bit 4.
T23
DATA5
Control
Parallel Control Interface: Register Data Bit 5.
T24
VCC
Power
Positive Supply.
T25
IP28
Input
High Speed Input.
T26
IN27
Input
High Speed Input Complement.
U1
IN13
Input
High Speed Input Complement.
U2
IP14
Input
High Speed Input.
U3
VTTIA
Power
Input Termination Supply (A). The VTTIA pins are normally tied to the
VTTIB pins.
U4
ADDR5
Control
Parallel Control Interface: Register Address Bit 5.
I2C Control Interface: Slave Address Bit 5.
U23
DATA6
Control
Parallel Control Interface: Register Data Bit 6.
U24
VTTIB
Power
Input Termination Supply (B). The VTTIB pins are normally tied to the
VTTIA pins.
U25
IN26
Input
High Speed Input Complement.
U26
IP27
Input
High Speed Input.
V1
IP15
Input
High Speed Input.
V2
IN14
Input
High Speed Input Complement.
V3
VTTIA
Power
Input Termination Supply (A). The VTTIA pins are normally tied to the
VTTIB pins.
V4
ADDR6
Control
Parallel Control Interface: Register Address Bit 6.
I2C Control Interface: Slave Address Bit 6.
V23
DATA7
Control
Parallel Control Interface: Register Data Bit 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com