Electronic Components Datasheet Search
  English  ▼

X  

ADN4605 Datasheet(PDF) 49 Page - Analog Devices

Part # ADN4605
Description  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADN4605 Datasheet HTML 45Page - Analog Devices ADN4605 Datasheet HTML 46Page - Analog Devices ADN4605 Datasheet HTML 47Page - Analog Devices ADN4605 Datasheet HTML 48Page - Analog Devices ADN4605 Datasheet HTML 49Page - Analog Devices ADN4605 Datasheet HTML 50Page - Analog Devices ADN4605 Datasheet HTML 51Page - Analog Devices ADN4605 Datasheet HTML 52Page - Analog Devices ADN4605 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ADN4605
Rev. 0 | Page 49 of 56
APPLICATIONS INFORMATION
The ADN4605 is an asynchronous and protocol agnostic digital
switch and, therefore, is applicable to a wide range of applica-
tions including network routing and digital video switching.
The ADN4605 supports the data rates and signaling levels of
HDMI®, DVI®, DisplayPort and SD-, HD-, and 3G-SDI digital
video. The ADN4605 can be used to create matrix switches. An
example block diagram of a 40 × 40 matrix switch is shown in
Figure 50. Since HDMI, DVI, and DisplayPort are quad lane
protocols, four ADN4605s are used to create a full 40 × 40
matrix switch. Smaller arrays, such as 10 × 10 and 20 × 20,
require one and two ADN4605 devices, respectively. Proper
high speed PCB design techniques should be used to maintain
the signal integrity of the high data rate signals. It is important
to minimize the lane-to-lane skew and crosstalk in these
applications.
ADN4605
IN 0
IN 1
IN 39
OUT 0
OUT 1
OUT 39
ADN4605
IN 0
IN 1
IN 39
OUT 0
OUT 1
OUT 39
ADN4605
IN 0
IN 1
IN 39
OUT 0
OUT 1
OUT 39
ADN4605
IN 0
IN 1
IN 39
OUT 0
OUT 1
OUT 39
SOURCE 1
SOURCE 2
SOURCE 40
SOURCE 39
DISPLAY 1
DISPLAY 2
DISPLAY 40
DISPLAY 39
Figure 50. ADN4605 Digital Video (DVI, HDMI, DisplayPort) Matrix Switch Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com