Electronic Components Datasheet Search
  English  ▼

X  

TS9001 Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TS9001
Description  1.6V Nanopower Comparator with Internal Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001 Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TS9001 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS9001
TS9001DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS: TS9001-1/2
VCC = +5V, VEE = 0V, VIN+ = VREF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. See Note 1
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from the
PSRR test
TA = TMIN to TMAX
1.6
5.5
Supply Current
ICC
VCC = 1.6V
TA = +25°C
0.6
1
μA
VCC = 5V
TA = +25°C
0.68
1.30
TA = TMIN to TMAX
1.60
IN+ Voltage Range
VIN+
Inferred from the output swing test
VEE - 0.2
VCC + 0.2
V
Input Offset Voltage
VOS
(Note 2)
TA = +25°C
2
5
mV
TA = TMIN to TMAX
10
Input-Referred Hysteresis
VHB
(Note 3)
4
mV
Input Bias Current
IB
TA = +25°C
0.15
1
nA
TA = TMIN to TMAX
2
Power-Supply Rejection Ratio
PSRR
VCC = 1.6V to 5.5V, TA = TMIN to TMAX
1
mV/V
Output-Voltage Swing High
VCC - VOH
TS9001-1, VCC = 5V,
ISOURCE = 5mA
TA = +25°C
200
300
mV
TA = TMIN to TMAX
400
TS9001-1,
ISOURCE = 1mA
VCC = 1.6V,
TA = +25°C
100
150
VCC = 1.6V,
TA = TMIN to TMAX
200
Output-Voltage Swing Low
VOL
VCC = 5V, ISINK = 5mA
TA = +25°C
110
200
mV
TA = TMIN to TMAX
300
ISINK = 1mA
VCC = 1.6V,
TA = +25°C
50
100
VCC = 1.6V,
TA = TMIN to TMAX
150
Output Leakage Current
ILEAK
TS9001-2 only, VO = 5.5V
0.002
1
μA
Output Short-Circuit Current
ISC
Sourcing, VO = VEE
VCC = 5V
60
mA
VCC = 1.6V
6
Sinking, VO = VCC
VCC = 5V
90
VCC = 1.6V
10
High-to-Low Propagation Delay
(Note 4)
tPD-
VCC = 1.6V
12
µs
VCC = 5V
15
Low-to-High Propagation Delay
(Note 4)
tPD+
TS9001-1 only
VCC = 1.6V
25
µs
VCC = 5V
50
TS9001-2 only
VCC = 1.6V,
RPULLUP = 100kΩ
21
VCC = 5V,
RPULLUP = 100kΩ
28
Rise Time
tRISE
TS9001-1 only, CL = 15pF
3.5
µs
Fall Time
tFALL
CL = 15pF
2
µs
Power-Up Time
tON
1.2
ms
Reference Voltage
VREF
TA = +25°C
1.2395
1.252
1.2645
V
TA = TMIN to TMAX
1.2332
1.2708
Reference Voltage
Temperature Coefficient
TCVREF
40
ppm/°C
Reference Output Voltage
Noise
en
BW = 10Hz to 100kHz
0.6
mVRMS
BW = 10Hz to 100kHz, CREF = 1nF
0.2
Reference Line Regulation
∆VREF/ ∆VCC VCC = 1.6V to 5.5V
0.1
mV/V
Reference Load Regulation
∆VREF/ ∆IOUT ∆IOUT = 10nA
±0.2
mV/nA
Note 1:
All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by
device characterization, not production tested.
Note 2:
VOS is defined as the center of the hysteresis band at the input.
Note 3:
The hysteresis-related trip points are defined by the edges of the hysteresis band and measured with respect to the center of
the hysteresis band (i.e., VOS). See Figure 2.
Note 4:
The propagation delays are specified with an input overdrive (VOVERDRIVE) of 100mV and an output load capacitance of
CL = 15pF. VOVERDRIVE is defined above and is beyond the offset voltage and hysteresis of the comparator input. Reference
voltage error should also be included.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com