Electronic Components Datasheet Search
  English  ▼

X  

TS9001 Datasheet(PDF) 8 Page - Touchstone Semiconductor Inc

Part # TS9001
Description  1.6V Nanopower Comparator with Internal Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001 Datasheet(HTML) 8 Page - Touchstone Semiconductor Inc

  TS9001 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TS9001
Page 8
TS9001DS r1p0
RTFDS
PACKAGE OUTLINE DRAWING
5-Pin SC70 Package Outline Drawing
(N.B., Drawings are not to scale)
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance notice.
No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone Semiconductor
assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using
Touchstone Semiconductor components. To minimize the risk associated with customer products and applications, customers should provide
adequate design and operating safeguards. Trademarks and registered trademarks are the property of their respective owners.
13
4
5
0.65 TYP.
2
1.30 TYP.
0.15 - 0.30
1.80 - 2.20
1.15 - 1.35
0.26 - 0.46
0.275 - 0.575
2
1
LEAD FRAME THICKNESS
GAUGE PLANE
1
2
NOTES:
DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSIONS.
DIE IS FACING UP FOR MOLDING. DIE IS FACING DOWN FOR TRIM/FORM.
3.
5.
CONTROLLING DIMENSIONS IN MILIMITERS.
ALL
SIDE
1.80 - 2.40
0.00 - 0.10
1.00
MAX
0.10 - 0.18
0.15
TYP.
8º - 12º
0º - 8º
0.800 – 0.925
0.40 – 0.55
4
ALL SPECIFICATION COMPLY TO JEDEC SPEC MO-203 AA
6.
ALL SPECIFICATIONS REFER TO JEDEC MO-203 AA
7. LEAD SPAN/STAND OFF HEIGHT/COPLANARITY ARE CONSIDERED AS SPECIAL CHARACTERISTIC
0.10 MAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com