Electronic Components Datasheet Search
  English  ▼

X  

TS9001 Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TS9001
Description  1.6V Nanopower Comparator with Internal Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001 Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TS9001 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS9001
Page 4
TS9001DS r1p0
RTFDS
PIN FUNCTIONS
TS9001-1
TS9001-2
NAME
FUNCTION
SC70-5
1
OUT
Comparator Output
2
VEE
Negative Supply Voltage
3
IN+
Comparator Noninverting Input
4
REF/IN-
1.252V Reference Output/Comparator Inverting Input
—
REF
1.252V Reference Output
5
VCC
Positive Supply Voltage
—
IN-
Comparator Inverting Input
BLOCK DIAGRAMS
DESCRIPTION OF OPERATION
Guaranteed to operate from +1.6V supplies, the
TS9001-1 and the TS9001-2 analog comparators
only draw 600nA supply current, feature a robust
input stage that can tolerate input voltages 200mV
beyond the power supply rails, and include an on-
board +1.252V ±1% voltage reference. To insure
clean output switching behavior, both analog
comparators feature 4mV internal hysteresis. The
TS9001-1’s push-pull output drivers were designed
to minimize supply-current surges while driving
±5mA loads with rail-to-rail output swings. The open-
drain output stage TS9001-2 can be connected to
supply voltages above VCC to an absolute maximum
of 6V above VEE. Where wired-OR logic connections
are needed, their open-drain output stages make it
easy to use this analog comparator.
Input Stage Circuitry
The robust design of the analog comparators’ input
stage can accommodate any differential input
voltage from VEE - 0.2V to VCC + 0.2V. Input bias
currents are typically ±0.15nA so long as the applied
input voltage remains between the supply rails. ESD
protection diodes - connected internally to the supply
rails - protect comparator inputs against overvoltage
conditions. However, if the applied input voltage
exceeds either or both supply rails, an increase in
input current can occur when these ESD protection
diodes start to conduct.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com