Electronic Components Datasheet Search
  English  ▼

X  

TLE4966-2K Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4966-2K
Description  High Precision Hall Switch with two Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966-2K Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4966-2K Datasheet HTML 4Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 5Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Datasheet
8
Rev.1.0, 2010-06-28
TLE4966-2K
Maximum Ratings
2.3
Application Circuit
It is recommended to use a series resistor RS with 200Ω and a capacitor of CS = 4.7nF for protection against
overvoltage and transients on the supply line. Pull-up resistors
CS
Q1
Q2
GND
VDD
RS
RL
RL
VS
RL are required for the output pins Q1 and Q2.
Figure 3
Application Circuit
3
Maximum Ratings
Note: Stresses above those listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. Maximum ratings are absolute
ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit.
Table 2
Absolute Maximum Ratings
T
j = -40°C to 150°C
Parameter
Symbol
Limit Values
Unit
Conditions
min.
max.
Supply voltage
V
DD
V
s
V
s
-18
-18
-18
18
24
26
V
for 1 h,
R
S ≥ 200 Ω
for 5 min,
R
S ≥ 200 Ω
Supply current
through protection
device
I
DD
-50
50
mA
Output voltage
V
Q
-0.7
-0.7
18
26
V
for 5 min @ 1.2 k
Ω pull up
Continuous output
current
I
Q
-50
50
mA
Junction
temperature
T
j
–
–
–
–
155
165
175
195
°C
for 2000 h (not additive)
for 1000 h (not additive)
for 168 h (not additive)
for 3 x 1 h (additive)
Storage
temperature
T
S
-40
150
°C
Magnetic flux
density
B
–
unlimited mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com