Electronic Components Datasheet Search
  English  ▼

X  

TLE4966-2K Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4966-2K
Description  High Precision Hall Switch with two Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966-2K Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4966-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Datasheet
10
Rev.1.0, 2010-06-28
TLE4966-2K
Electrical and Magnetic Parameters
5
Electrical and Magnetic Parameters
Product characteristics involve the spread of values guaranteed within the specified voltage and temperature
range. Typical characteristics are the median of the production.
Table 5
Electrical Characteristics 1)
1) over operating range, unless otherwise specified. Typical values correspond to VDD = 12 V and TA = 25°C
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
Supply current
I
DD
45.2
7
mA
V
DD = 2.7 V ... 18 V
Reverse current
I
SR
00.2
1
mA
V
DD = -18 V
Output saturation voltage
V
QSAT
–0.3
0.6
V
I
Q = 10 mA
Output leakage current
I
QLEAK
–0.05
10
μAfor V
Q = 18 V
Output fall time
t
f
–0.2
1
μs
R
L = 1.2 kΩ; CL < 50 pF
see: Figure 4 on Page 11
Output rise time
t
r
–0.2
1
μs
Chopper frequency
f
OSC
–
320
–
kHz
Switching frequency
f
SW
0–
15 2)
2) To operate the sensor at the max. switching frequency, the magnetic signal amplitude must be 1.4 times higher than for
static fields. This is due to the -3 dB corner frequency of the low pass filter in the signal path.
kHz
Delay time 3)
3) Systematic delay between magnetic threshold reached and output switching
t
d
–13
–
μs
Count Signal Delay
t
dc
50
200
1000
ns
Output jitter 4)
4) Jitter is the unpredictable deviation of the output switching delay
t
QJ
–1
–
μs
RMS
Typ. value for square wave signal 1 kHz
Repeatability of magnetic
thresholds 5)
5)
B
REP is equivalent to the noise constant
B
REP
–40
–
μT
RMS
Typ. value for
ΔB/Δt > 12 mT/ms
Power-on time 6)
6) Time from applying
V
DD ≥ 2.7 V to the sensor until the output state is valid
t
PON
–13
–
μs
V
DD ≥ 2.7 V
Distance of hall plates
d
HALL
–1.45
–
mm
Thermal resistance 7)
7) Thermal resistance from junction to ambient
Calculation of the ambient temperature (PG-TSOP6-6-5 example)
e.g. for VDD = 12.0 V, IDDtyp = 5.5 mA, VQSATtyp = 0.3 V and 2 x IQ = 10 mA :
Power Dissipation: PDIS = 72.0 mW.
In TA = Tj – (RthJA × PDIS) = 175°C – (100 K / W × 0.072 W)
Resulting max. ambient temperature: TA = 167.8°C
R
thJA
–
100
–
K/W
PG-TSOP6-6-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com