Electronic Components Datasheet Search
  English  ▼

X  

TLE4966-2K Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4966-2K
Description  High Precision Hall Switch with two Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966-2K Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4966-2K Datasheet HTML 5Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4966-2K Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Table 3
ESD Protection 1)
1) Human Body Model (HBM) tests according to: EOS/ESD Association Standard S5.1-1993 and Mil. Std. 883D method
3015.7
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
ESD voltage
V
ESD
–
±4
kV
HBM
, R = 1.5 kΩ,
C = 100 pF
T
A = 25°C
Datasheet
9
Rev.1.0, 2010-06-28
TLE4966-2K
Operating Range
4
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the TLE4966-2K.
All parameters specified in the following sections refer to theses operating conditions unless otherwise mentioned.
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
Supply voltage
V
DD
V
S
V
S
2.7
–
–
–
–
–
18
24
26
V
1 h with
R
S ≥ 200 Ω
for 5 min
R
S ≥ 200 Ω
Output voltage
V
Q
-0.7
–
18
V
Junction temperature
T
j
-40
–
–
–
150
175
°C
for 168 h
Output current
I
Q
0–10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com