Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 26Page - Infineon Technologies AG TLE4997 Datasheet HTML 27Page - Infineon Technologies AG TLE4997 Datasheet HTML 28Page - Infineon Technologies AG TLE4997 Datasheet HTML 29Page - Infineon Technologies AG TLE4997 Datasheet HTML 30Page - Infineon Technologies AG TLE4997 Datasheet HTML 31Page - Infineon Technologies AG TLE4997 Datasheet HTML 32Page - Infineon Technologies AG TLE4997 Datasheet HTML 33Page - Infineon Technologies AG TLE4997 Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
TLE4997
Application Circuit
Data Sheet
32
V 2.08, 2008-09
10
Application Circuit
Figure 10 shows the connection of multiple sensors to a microcontroller.
Figure 10
Application Circuit
Note: For calibration and programming, the interface must be connected directly to the
output pin.
The given application circuit must be regarded as only an example. It needs to be
adapted according to the requirements of the specific application.
optional
Voltage Tracker
e.g.
TLE4250
Ref
ADCref
ADCin1
ADCin2
ADCGND
47nF
10k
100 nF
10k
100 nF
47nF
47nF
10k
100 nF
10k
100 nF
47nF
µC
TLE
4997
out
VDD
GND
TLE
4997
out
VDD
GND
_TLE4997x_Data_Sheet.book Page 32 Wednesday, October 1, 2008 5:08 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com