Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 18Page - Infineon Technologies AG TLE4997 Datasheet HTML 19Page - Infineon Technologies AG TLE4997 Datasheet HTML 20Page - Infineon Technologies AG TLE4997 Datasheet HTML 21Page - Infineon Technologies AG TLE4997 Datasheet HTML 22Page - Infineon Technologies AG TLE4997 Datasheet HTML 23Page - Infineon Technologies AG TLE4997 Datasheet HTML 24Page - Infineon Technologies AG TLE4997 Datasheet HTML 25Page - Infineon Technologies AG TLE4997 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TLE4997
Signal Processing
Data Sheet
22
V 2.08, 2008-09
6.5
DAC Input Interpolation Filter
An interpolation filter is placed between the DSP and the output DAC. It cannot be
switched off. This filter limits the frequency behavior of the complete system if the DSP
input filter is disabled. The update rate after the interpolation filter is 256 kHz.
Figure 7
DAC Input Filter (Magnitude Plot)
Note: As this is a digital filter running with an RC-based oscillator, the cutoff frequency
may vary within ±25%.
101
102
103
0
-6
-5
-4
-3
-2
-1
Frequency (Hz)
104
_TLE4997x_Data_Sheet.book Page 22 Wednesday, October 1, 2008 5:08 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com