Electronic Components Datasheet Search
  English  ▼

X  

TLE4997 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 21Page - Infineon Technologies AG TLE4997 Datasheet HTML 22Page - Infineon Technologies AG TLE4997 Datasheet HTML 23Page - Infineon Technologies AG TLE4997 Datasheet HTML 24Page - Infineon Technologies AG TLE4997 Datasheet HTML 25Page - Infineon Technologies AG TLE4997 Datasheet HTML 26Page - Infineon Technologies AG TLE4997 Datasheet HTML 27Page - Infineon Technologies AG TLE4997 Datasheet HTML 28Page - Infineon Technologies AG TLE4997 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
TLE4997
Error Detection
Data Sheet
25
V 2.08, 2008-09
7
Error Detection
Different error cases can be detected by the On-Board-Diagnostics (OBD) and reported
to the microcontroller. The OBD is useful only when the clamping function is enabled. It
is important to set the clamping threshold values inside the error voltage values shown
in Table 13 and Table 14 to ensure that it is possible to distinguish between correct
output voltages and error signals.
7.1
Voltages Outside the Operating Range
The output signals error conditions, if
VDD lies
• inside the ratings specified in Table 2 "Absolute Maximum Ratings" on Page 12
• outside the range specified in Table 3 "Operating Range" on Page 13.
7.2
Open Circuit of Supply Lines
In the case of interrupted supply lines, the data acquisition device can alert the user. If
two sensors are placed in parallel, the output of the remaining working sensor may be
still used for an emergency operation.
Table 13
Undervoltage and Overvoltage (All values with RL ≥ 10k)
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Undervoltage threshold
VDDuv
3
4
V
Overvoltage threshold
VDDov
7
8.3
V
Output voltage
@ undervoltage
VOUTuv
0.95 x
VDD -
V
3V ≤ VDD ≤ VDDuv
Output voltage
@ overvoltage
VOUTov
0.97 x
VDD -
V
VDDov < VDD ≤ 16 V
Supply current 1)
1) For overvoltage and reverse voltage, see Table 2 "Absolute Maximum Ratings" on Page 12.
IDDuv
-
10
mA
@ undervoltage
Table 14
Open Circuit (OBD Parameters) 1)
1) With V
DD = 5 V and RL ≥ 10 kΩ pull-down or RL ≥ 20 kΩ pull-up.
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Output voltage
@ open
VDD line
VOUT
0
0.18
0.2
V
TJ≤120°C
120°C
< T
J ≤ 150°C
Output voltage
@ open
GND line
VOUT
4.82
4.8
5
V
TJ≤120°C
120°C
< T
J ≤ 150°C
_TLE4997x_Data_Sheet.book Page 25 Wednesday, October 1, 2008 5:08 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com