Electronic Components Datasheet Search
  English  ▼

X  

TLE6270R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6270R
Description  Quad Low Side Injector Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6270R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6270R Datasheet HTML 5Page - Infineon Technologies AG TLE6270R Datasheet HTML 6Page - Infineon Technologies AG TLE6270R Datasheet HTML 7Page - Infineon Technologies AG TLE6270R Datasheet HTML 8Page - Infineon Technologies AG TLE6270R Datasheet HTML 9Page - Infineon Technologies AG TLE6270R Datasheet HTML 10Page - Infineon Technologies AG TLE6270R Datasheet HTML 11Page - Infineon Technologies AG TLE6270R Datasheet HTML 12Page - Infineon Technologies AG TLE6270R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet
9
V1.3, 2008-12-23
TLE6270R
Quad Low Side Injector Driver
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Figure 4
Energy Repetitive Pulse and Energy Single Pulse
Absolute Maximum Ratings 1)
TJ = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.1.1
Supply voltage
V
CC
-0.3
7
V
–
Outputs
4.1.2
Continuous output voltage
V
OUT
-1.5
80
V
–
4.1.3
Continuous output current, one output
active
I
OUTC
-5
5
A
–
4.1.4
Peak output current
I
OUTP
-10
20
A
see Chapter 5.5
4.1.5
Clamping energy repetitive pulse
W
OFFr
–
30
mJ
all T
°, see Figure 4
4.1.6
Clamping energy single pulse
W
OFFs
–
130
mJ
all T
°, see Figure 4
Inputs and NCTL, SDO outputs
4.1.7
Continuous voltage
V
IN
-0.3
7
V
–
All pins
ESD Susceptibility
4.1.8
Electrostatic discharge
V
ESD
-2000
2000
V
R = 1.5 kΩ;
C = 100 pF;
HBM2)
2) ESD susceptibility, HBM according to EIA/JESD 22-A114B
Operating Range
4.1.9
Operating Temperature Range
T
J
-40
150
°C
1)
4.1.10
Storage Temperature Range
T
J
-55
150
°C
1)
250 us
100ns
10%
90%
240 W
P
t
f=1 kHz
500 us
100ns
10%
90%
520 W
P
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com