Electronic Components Datasheet Search
  English  ▼

X  

TLE6270R Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6270R
Description  Quad Low Side Injector Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6270R Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6270R Datasheet HTML 17Page - Infineon Technologies AG TLE6270R Datasheet HTML 18Page - Infineon Technologies AG TLE6270R Datasheet HTML 19Page - Infineon Technologies AG TLE6270R Datasheet HTML 20Page - Infineon Technologies AG TLE6270R Datasheet HTML 21Page - Infineon Technologies AG TLE6270R Datasheet HTML 22Page - Infineon Technologies AG TLE6270R Datasheet HTML 23Page - Infineon Technologies AG TLE6270R Datasheet HTML 24Page - Infineon Technologies AG TLE6270R Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
21
V1.3, 2008-12-23
TLE6270R
Quad Low Side Injector Driver
Functional Description
5.5
Protections
5.5.1
All Inputs/Outputs
All pins are protected against ESD 2kV Human body model.
5.5.2
T1, T4 Power Transistors
•
Protection against damaging failures
Note: The protection latches are reset when the NON input is at high level.
•
Protection against overvoltage
A clamping circuit limits the output voltage to a defined value (
V
clp) in order to avoid the breakdown of the output
transistor when the solenoid load is switched off.
•
Protection against turn on due to fast voltage ramp on output.
A very fast voltage slope on the output can turn on the power transistor (capacitive effects) especially when
the normal gate pull-down structure is not active (IC not supplied,
V
CC too low …). In this case, the transistor
is turned off immediately. This function is guaranteed for
V
CC between 0 and 5.5 V.
5.6
Reset
There are two different reset functions:
•
Undervoltage reset
•
NRES reset pin
If one or several of the following conditions are present:
•
V
CC lower than VCCRES,
•
NRES pin at low level,
the low side T1, T4 are switched off, NCTL2 and NCTL3 set to high level, all diagnostic registers are reset and the
SDO is tri-stated.
Table 5
Protection against Damaging Failures
Problem detected
Transistors switched off
T1 or T4 overcurrent
T1, T4 (internally) and T2, T3 (via NCTL2, NCTL3)
T1 or T4 overtemperature
T1, T4 (internally) and T2, T3 (via NCTL2, NCTL3)
HS_Diag L
→ H
T1, T4 (internally) and T2, T3 (via NCTL2, NCTL3)
T1 or T4 peak current undertime
T1, T4 (internally) and T2, T3 (via NCTL2, NCTL3)
T1 or T4 peak current overtime
T1, T4 (internally) and T2, T3 (via NCTL2, NCTL3) and
t
2 starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com