Electronic Components Datasheet Search
  English  ▼

X  

TLE6270R Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6270R
Description  Quad Low Side Injector Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6270R Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6270R Datasheet HTML 18Page - Infineon Technologies AG TLE6270R Datasheet HTML 19Page - Infineon Technologies AG TLE6270R Datasheet HTML 20Page - Infineon Technologies AG TLE6270R Datasheet HTML 21Page - Infineon Technologies AG TLE6270R Datasheet HTML 22Page - Infineon Technologies AG TLE6270R Datasheet HTML 23Page - Infineon Technologies AG TLE6270R Datasheet HTML 24Page - Infineon Technologies AG TLE6270R Datasheet HTML 25Page - Infineon Technologies AG TLE6270R Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
TLE6270R
Quad Low Side Injector Driver
Electrical Characteristics
Data Sheet
22
V1.3, 2008-12-23
6
Electrical Characteristics
6.1
Supply Current
6.2
Inputs
Electrical Characteristics: Supply Current
V
CC = 4.5 V to 5.5 V, TCASE = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into
pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
6.1.1
Standby current
I
CC_STB
–
–
10
mA
without load
6.1.2
Operating mode
I
CC_OM
––20
mA
I
out = 4 A on two
outputs
6.1.3
Operating mode and reverse
output current
I
CC_OM_REV
––20
mA
I
outp = -1 A on one
output,
I
out = 4 A on two
other outputs
Electrical Characteristics: Inputs (NONx, PChx, NRESx, NCS, CLK, SDI, HS_Diag)
V
CC = 4.5 V to 5.5 V, TCASE = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into
pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
6.2.1
Low level
V
INL
-0.3
–
0.2
×
V
CC
V–
High Level
6.2.2
All inputs except HS_Diag
V
INH
0.7
×
V
CC
–
V
CC +
0.3
V–
6.2.3
HS_Diag
V
HS_DiagH
0.3
×
V
CC
–7V
–
Hysteresis
6.2.4
NONx, Pchx, NRESx
V
HYST
0.85
–
–
V
–
6.2.5
NCS, CLK, SDI
V
HYST_SPI
0.2
––V
–
Input Current
6.2.6
All inputs except HS_Diag
pull-up current
I
IN
-100
–
-20
µA0 < V
IN < 0.9 VCC
6.2.7
HS_Diag pull-down current
I
IN
20
–
100
µA
500 mV <
V
IN < VCC
6.2.8
∆I
IN during reverse output
current
I
IN
-200
–
200
µA
I
outp = -1 A on one
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com