Electronic Components Datasheet Search
  English  ▼

X  

TLE6365 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6365 Datasheet HTML 1Page - Infineon Technologies AG TLE6365 Datasheet HTML 2Page - Infineon Technologies AG TLE6365 Datasheet HTML 3Page - Infineon Technologies AG TLE6365 Datasheet HTML 4Page - Infineon Technologies AG TLE6365 Datasheet HTML 5Page - Infineon Technologies AG TLE6365 Datasheet HTML 6Page - Infineon Technologies AG TLE6365 Datasheet HTML 7Page - Infineon Technologies AG TLE6365 Datasheet HTML 8Page - Infineon Technologies AG TLE6365 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TLE 6365
Data Sheet
5
Rev. 1.9, 2007-07-30
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Supply voltage
V
S
-0.3
40
V
–
Supply voltage
V
S
535V
V
S increasing
Supply voltage
V
S
4.5
36
V
V
S decreasing
Supply voltage
V
S
-0.3
4.5
V
Buck-Converter
OFF
Buck output voltage
V
BUO
-0.6
40
V
–
Buck driver supply voltage
V
BDS
-0.3
48
V
0°C
≤T
j
≤150°C
-0.3
47
V
-40°C
≤T
j<0°C
Buck compensation input
voltage
V
BUC
03.0
V
–
Logic supply voltage
V
CC
4.0
6.2
V
–
Reset output voltage
V
RO
-0.3
V
CC + 0.3
V
–
Current reference voltage
V
CREF
01.23
V
–
Junction temperature
T
j
-40
150
°C–
Thermal Resistance
Junction ambient
R
thj-a
–
180
K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com