Electronic Components Datasheet Search
  English  ▼

X  

TLE6365 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6365 Datasheet HTML 4Page - Infineon Technologies AG TLE6365 Datasheet HTML 5Page - Infineon Technologies AG TLE6365 Datasheet HTML 6Page - Infineon Technologies AG TLE6365 Datasheet HTML 7Page - Infineon Technologies AG TLE6365 Datasheet HTML 8Page - Infineon Technologies AG TLE6365 Datasheet HTML 9Page - Infineon Technologies AG TLE6365 Datasheet HTML 10Page - Infineon Technologies AG TLE6365 Datasheet HTML 11Page - Infineon Technologies AG TLE6365 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
8
Rev. 1.9, 2007-07-30
TLE 6365
Reset Generator; RO
Reset threshold;
V
CC decreasing
V
RT
4.50
4.65
4.75
V
V
RO H to L or L to H
transition;
V
RO remains low down
to
V
CC > 1 V
Reset low voltage
V
ROL
–0.2
0.4
V
I
ROL = 1 mA;
2.5 V <
V
CC < VRT
Reset low voltage
V
ROL
–0.2
0.4
V
I
ROL = 0.2 mA;
1V <
V
CC < VRT
Reset high voltage
V
ROH
V
CC -
0.1
–
V
CC +
0.1
V
I
ROH = 0 mA
Reset pull-up current
I
RO
–240
–
µA
0 V <
V
RO < 4 V
Reset Reaction time
t
RR
10
40
90
µs
V
CC < VRT
Power-up reset delay
time
t
RD
–128
–
t
CYL
VCC ≥ 4.8 V
Thermal Shutdown (Boost and Buck-Converter OFF)
Thermal shutdown
junction temperature
T
jSD
150
175
200
°C–
Thermal switch-on
junction temperature
T
jSO
120
–
170
°C–
Temperature
hysteresis
∆T
–30
–
K
–
Table 4
Electrical Characteristics (cont’d)
8 V <
V
S < 35 V; 4.75 V < VCC < 5.25 V; -40 °C < Tj < 150 °C; RR = 47 kΩ; all voltages
with respect to ground; positive current defined flowing into the pin; unless otherwise
specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com