Electronic Components Datasheet Search
  English  ▼

X  

TLE6365 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6365 Datasheet HTML 6Page - Infineon Technologies AG TLE6365 Datasheet HTML 7Page - Infineon Technologies AG TLE6365 Datasheet HTML 8Page - Infineon Technologies AG TLE6365 Datasheet HTML 9Page - Infineon Technologies AG TLE6365 Datasheet HTML 10Page - Infineon Technologies AG TLE6365 Datasheet HTML 11Page - Infineon Technologies AG TLE6365 Datasheet HTML 12Page - Infineon Technologies AG TLE6365 Datasheet HTML 13Page - Infineon Technologies AG TLE6365 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
10
Rev. 1.9, 2007-07-30
TLE 6365
Buck Converter
A stabilized logic supply voltage (typ. 5 V) for general purpose is realized in the system
by a buck converter. An external buck-inductance
L
BU is PWM switched by a high side
DMOS power transistor with the programmed frequency (pin R).
The buck converter uses the temperature compensated bandgap reference voltage (typ.
2.8 V) for its regulation loop.
This reference voltage is connected to the non-inverting input of the error amplifier and
an internal voltage divider supplies the inverting input. Therefore the output voltage
V
CC
is fixed due to the internal resistor ratio to typ. 5.0 V.
The output of the error amplifier goes to the inverting input of the PWM comparator as
well as to the buck compensation output BUC.
When the error amplifier output voltage exceeds the sawtooth voltage the output power
MOS-transistor is switched on. So the duration of the output transistor conduction phase
depends on the
V
CC level. A logic signal PWM with variable pulse width is generated.
External loop compensation is required for converter stability, and is formed by
connecting a compensation resistor-capacitor series-network (
R
BUC, CBUC) between pin
BUC and GND.
In the case of overload or short-circuit at
V
CC (the output current exceeds the buck
overcurrent threshold
I
BUOC)
the DMOS output transistor is switched off by the
overcurrent comparator immediately.
In order to protect the
V
CC input as well as the external load against catastrophic failures,
an overvoltage protection is provided which switches off the output transistor as soon as
the voltage at pin
V
CC exceeds the internal fixed overvoltage threshold V
CCOVOFF = typ.
6.0 V.
Also a battery undervoltage protection is implemented in the TLE 6365 to avoid wrong
operation of the following supplied devices, the typical threshold when decreasing the
battery voltage is at
VSUVOFF = typ. 4.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com