Electronic Components Datasheet Search
  English  ▼

X  

TLE7231G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7231G
Description  SPIDER - 4 channel low side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7231G Datasheet HTML 3Page - Infineon Technologies AG TLE7231G Datasheet HTML 4Page - Infineon Technologies AG TLE7231G Datasheet HTML 5Page - Infineon Technologies AG TLE7231G Datasheet HTML 6Page - Infineon Technologies AG TLE7231G Datasheet HTML 7Page - Infineon Technologies AG TLE7231G Datasheet HTML 8Page - Infineon Technologies AG TLE7231G Datasheet HTML 9Page - Infineon Technologies AG TLE7231G Datasheet HTML 10Page - Infineon Technologies AG TLE7231G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Datasheet
7
Rev. 1.0, 2008-02-28
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 3
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
I/O 1)
Function
Power Supply
10
V
DD
-
Digital Supply Voltage; Connected to 5V Voltage with Reverse
protection Diode and Filter against EMC
12
V
DDA
-
Analog Supply Voltage;
11,4
GND
-
Ground; common ground for digital, analog and power
Power Stages
14
OUT0
O
Output Channel 0; Drain of power transistor channel 0
13
OUT1
O
Output Channel 1; Drain of power transistor channel 1
9OUT2
O
Output Channel 2; Drain of power transistor channel 2
8OUT3
O
Output Channel 3; Drain of power transistor channel 3
Inputs
3IN
I
PD Control Input; Digital input 3.3 V or 5V. In case of not used keep open.
1RST
IPD Reset input pin; Digital input 3.3 V or 5V. Low active
SPI
2CS
IPU SPI chip select; Digital input 3.3 V or 5V.Low active
7SCLK
I
PD serial clock; Digital input 3.3 V or 5V.
P-DSO-14 .emf
(top view)
OUT0
OUT1
VDDA
14
13
12
11
10
9
1
2
3
4
5
6
GND
78
OUT2
OUT3
VDD
GND
SI
SO
SCLK
IN
RST
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com