| Electronic Components Datasheet Search |
|
TLE7231G Datasheet(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7231G Datasheet(HTML) 12 Page - Infineon Technologies AG |
|
12 / 30 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE7231G Power Stages Datasheet 12 Rev. 1.0, 2008-02-28 6 Power Stages The TLE7231G is a four channel low-side relay switch. The power stages are made of N-channel vertical power MOSFET transistors. 6.1 Input Circuit The TLE7231G has an input pin, that can be configured to be used for control of the output stages. The INn parameter of the SPI provide the following operation modes: • channel is in off mode without diagnosis (if all channels are programmed to this mode, the device goes into idle mode) • channel is switched according to signal level at input pin IN • channel is switched on • channel is switched off with active diagnosis Figure 4 shows the input circuit of TLE7231G. Figure 4 Input Multiplexer The current sink to ground ensures that the channels switch off in case of open input pin. The zener diode protects the input circuit against ESD pulses. After power-on reset, the device enters idle mode. 6.2 Inductive Output Clamp When switching off inductive loads, the potential at pin OUT rises to VDS(CL) potential, because the inductance intends to continue driving the current. The voltage clamping is necessary to prevent destruction of the device, see Figure 5 for details. Nevertheless, the maximum allowed load inductance is limited. Channel 3 Channel 2 Channel 1 IN I IN Channel 0 1 IN0 InputLogic.emf 0 0 D0 & |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |