Electronic Components Datasheet Search
  English  ▼

X  

TLE7231G Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7231G
Description  SPIDER - 4 channel low side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7231G Datasheet HTML 21Page - Infineon Technologies AG TLE7231G Datasheet HTML 22Page - Infineon Technologies AG TLE7231G Datasheet HTML 23Page - Infineon Technologies AG TLE7231G Datasheet HTML 24Page - Infineon Technologies AG TLE7231G Datasheet HTML 25Page - Infineon Technologies AG TLE7231G Datasheet HTML 26Page - Infineon Technologies AG TLE7231G Datasheet HTML 27Page - Infineon Technologies AG TLE7231G Datasheet HTML 28Page - Infineon Technologies AG TLE7231G Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Datasheet
25
Rev. 1.0, 2008-02-28
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
Serial Peripheral Interface (SPI)
9.5
Electrical Characteristics SPI
V
DD = 3.0 V to VDDA, VDDA = 4.5V to 5.5V, Tj = -40 °C to +150 °C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
typical values:
V
DD = 5.0 V, VDDA = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Input Characteristics (CS, SCLK, SI)
9.5.1
L level of pin
CS
SCLK
SI
V
CS(L)
V
SCLK(L)
V
SI(L)
0
–
0.2*
V
DD
–
9.5.2
H level of pin
CS
SCLK
SI
V
CS(H)
V
SCLK(H)
V
SI(H)
0.5*
V
DD
–
V
DD
–
9.5.3
L-input pull-up current through CS
I
CS(L)
517
40
µA
VCS = 0 V
9.5.4
H-input pull-up current through CS
I
CS(H)
315
40
µA
1)
VCS = 2 V
9.5.5
L-input pull-down current through
pin
SCLK
SI
I
SCLK(L)
I
SI(L)
312
80
µA
1)
VSCLK = 0.6 V
VSI = 0.6 V
9.5.6
H-input pull-down current through
pin
SCLK
SI
I
SCLK(H)
I
SI(H)
10
40
80
µA
VSCLK = 5 V
VSI = 5 V
Output Characteristics (SO)
9.5.7
L level output voltage
V
SO(L)
0–
0.4
V
ISO = -2 mA
9.5.8
H level output voltage
V
SO(H)
V
DD-
0.5 V
–
V
DD
ISO = 1.5 mA
9.5.9
Output tristate leakage current
I
SO(OFF)
-10
–
10
µA
V
CS = VDD
Timings
9.5.10
Serial clock frequency
f
SCLK
0
–5MHz
–
9.5.11
Serial clock period
t
SCLK(P)
200
––ns
–
9.5.12
Serial clock high time
t
SCLK(H)
50
––ns
–
9.5.13
Serial clock low time
t
SCLK(L)
50
––ns
–
9.5.14
Enable lead time (falling CS to
rising SCLK)
t
CS(lead)
250
––ns
–
9.5.15
Enable lag time (falling SCLK to
rising CS)
t
CS(lag)
250
––ns
–
9.5.16
Transfer delay time (rising CS to
falling CS)
t
CS(td)
250
––ns
–
9.5.17
Data setup time (required time SI to
falling SCLK)
t
SI(su)
20
––ns
–
9.5.18
Data hold time (falling SCLK to SI)
t
SI(h)
20
––ns
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com