Electronic Components Datasheet Search
  English  ▼

X  

AMC80 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC80
Description  System Hardware Monitor with Two-Wire/SMBus Serial Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC80 Datasheet(HTML) 4 Page - Texas Instruments

  AMC80 Datasheet HTML 1Page - Texas Instruments AMC80 Datasheet HTML 2Page - Texas Instruments AMC80 Datasheet HTML 3Page - Texas Instruments AMC80 Datasheet HTML 4Page - Texas Instruments AMC80 Datasheet HTML 5Page - Texas Instruments AMC80 Datasheet HTML 6Page - Texas Instruments AMC80 Datasheet HTML 7Page - Texas Instruments AMC80 Datasheet HTML 8Page - Texas Instruments AMC80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
INT_IN
SDA
SCL
FAN1
FAN2
BTI
GPI/CI
GND
V+
INT
GPO
NTEST_INRESET_IN
/
A2
A1
A0/NTEST_OUT
CH0
CH1
CH2
CH3
CH4
CH5
CH6
AGND
RST_OUTOS
/
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
AMC80
14
13
AMC80
SBOS559
– MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA –40°C to +125°C and V+ = 3 V to 5.5 V, unless otherwise noted.
AMC80
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FAN RPM-TO-DIGITAL CONVERTER
FANERR
Fan RPM error
–10
10
%
fCLK
Internal clock frequency
20.2
22.5
24.8
kHz
Divisor = 1, fan count = 153
8800
RPM
Divisor = 2, fan count = 153
4400
RPM
FANRPM
FAN1 and FAN2 nominal input RPM
Divisor = 3, fan count = 153
2200
RPM
Divisor = 4, fan count = 153
1100
RPM
FSC
Full-scale count
255
Counts
POWER SUPPLY
V+
Specified voltage range
+3
+5.5
V
V+ = 5.5 V
100
µA
IQA
Quiescent current, average
V+ = 3.8 V
25
µA
V+ = 5.5 V
100
µA
IQSD
Quiescent current, shutdown mode
V+ = 3.8 V
25
µA
TEMPERATURE
TA
Specified range
-40
+125
°C
PIN CONFIGURATION
PW PACKAGE
TSSOP-24
(TOP VIEW)
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com