Electronic Components Datasheet Search
  English  ▼

X  

AMC80 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AMC80
Description  System Hardware Monitor with Two-Wire/SMBus Serial Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC80 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC80 Datasheet HTML 10Page - Texas Instruments AMC80 Datasheet HTML 11Page - Texas Instruments AMC80 Datasheet HTML 12Page - Texas Instruments AMC80 Datasheet HTML 13Page - Texas Instruments AMC80 Datasheet HTML 14Page - Texas Instruments AMC80 Datasheet HTML 15Page - Texas Instruments AMC80 Datasheet HTML 16Page - Texas Instruments AMC80 Datasheet HTML 17Page - Texas Instruments AMC80 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AMC80
SBOS559
– MAY 2011
www.ti.com
TEMPERATURE MEASUREMENT
The AMC80
ΔVBE-type temperature sensor, is a ΔΣ ADC that performs 9-bit or 12-bit twos complement
temperature conversions. An 8-bit comparator that compares the readings to the user-programmable hot and
overtemperature setpoints, and hysteresis values is also incorporated into the AMC80.
Temperature data can be read from the Temperature Reading Register (address 27h). Temperature limits can be
read from and written to the Hot Temperature (THOT), Hot Temperature Hysteresis (THOT_HYST), OS Temperature
(TOS), and OS Temperature Hysteresis (TOS_HYST) Limit Registers (addresses 38h to 3Bh). Each limit is
represented in 12-bit, 9-bit, or 8-bit resolution, as shown in Table 2.
Table 2. Temperature Lookup
12-BIT DIGITAL OUTPUT (HEX)
9-BIT DIGITAL OUTPUT (HEX)
8-BIT DIGITAL OUTPUT (HEX)
TEMPERATURE
LSB = 0.0625
°C
LSB = 0.5
°C
LSB = 1
°C
+125
°C
07D
0FA
7D
+25
°C
019
032
19
+1
°C
010
003
01
0.0625
°C
001
—
—
0
°C
000
000
00
–0.0625°C
FFF
—
—
–1°C
FF0
1FF
FF
–25°C
E70
1CE
E7
–55°C
C90
192
C9
When using a single-byte read, the eight MSBs of the temperature reading can be found in the Value RAM
Register
(address
27h).
The
remainder
of
the
temperature
reading
can
be
found
in
the
OS
Configuration/Temperature Resolution Register (address 06h), bits 4 to 7. In 9-bit format, bit 7 is the only valid
bit. In addition, all nine or 12 bits can be read using a double-byte read at register address 27h.
There are four Value RAM Register limits for the temperature reading that affect the INT and OS outputs of the
AMC80. These are the THOT, THOT_HYST, TOS, TOS_HYST Limit Registers (addresses 38h to 3Bh); see Table 15.
There are three interrupt modes of operation: Default Interrupt, One-Time Interrupt, and Comparator. The OS
output of the AMC80 can be programmed for One-Time Interrupt mode and Comparator mode. INT can be
programmed for Default Interrupt mode and One-Time Interrupt mode. These modes are explained in the
following subsections.
Default Interrupt Mode
In Default Interrupt mode, exceeding THOT causes an interrupt that remains active indefinitely until reset by
reading Interrupt Status Register 1 (address 01h) or cleared by the INT_Clear bit in the Configuration Register
(address 00h, bit 3). When an interrupt event has occurred by exceeding THOT, and is then reset, another
interrupt occurs again when the next temperature conversion has completed. The interrupts continue to occur in
this manner until the temperature falls below THOT_HYST, at which time the interrupt output automatically clears.
One-Time Interrupt Mode
In One-Time Interrupt mode, exceeding THOT causes an interrupt that remains active indefinitely until reset by
reading Interrupt Status Register 1 or cleared by the INT_Clear bit in the Configuration Register. When an
interrupt event has occurred by exceeding THOT, and is then reset, an interrupt does not occur again until the
temperature falls below THOT_HYST.
Comparator Mode
In Comparator mode, exceeding TOS causes the OS output to go low (default) and remain low until the
temperature falls below TOS_HYST. When the temperature falls below TOS_HYST, OS goes high.
14
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com