Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 10Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 11Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 12Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 13Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 14Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
R
S
OPA322
V+
V
IN
V
OUT
I
10mA,Max
OVERLOAD
4
3
2
1
0
1
2
3
4
-
-
-
-
-500
1000
Time( s)
m
-250
0
750
250
500
V
OUT
V
IN
V = 2.5V
±
S
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538A
– JANUARY 2011 – REVISED MAY 2011
APPLICATION INFORMATION
OPERATING VOLTAGE
The OPA322 series op amps are unity-gain stable and can operate on a single-supply voltage (1.8 V to 5.5 V), or
a split-supply voltage (
±0.9 V to ±2.75 V), making them highly versatile and easy to use. The power-supply pins
should have local bypass ceramic capacitors (typically 0.001
μF to 0.1 μF). These amplifiers are fully specified
from +1.8 V to +5.5 V and over the extended temperature range of
–40°C to +125°C. Parameters that can exhibit
variance with regard to operating voltage or temperature are presented in the Typical Characteristics.
INPUT AND ESD PROTECTION
The OPA322 incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case of
input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. These ESD protection diodes also provide in-circuit input overdrive protection, as long as
the current is limited to 10 mA as stated in the Absolute Maximum Ratings table. Many input signals are
inherently current-limited to less than 10 mA; therefore, a limiting resistor is not required. Figure 25 shows how a
series input resistor (RS) may be added to the driven input to limit the input current. The added resistor
contributes thermal noise at the amplifier input and the value should be kept to the minimum in noise-sensitive
applications.
Figure 25. Input Current Protection
PHASE REVERSAL
The OPA322 op amps are designed to be immune to phase reversal when the input pins exceed the supply
voltages, therefore providing further in-system stability and predictability. Figure 26 shows the input voltage
exceeding the supply voltage without any phase reversal.
Figure 26. No Phase Reversal
Copyright
© 2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com