Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 10Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 11Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 12Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 13Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 14Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 15Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 16Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
10
to
W
20
W
V+
V
IN
V
OUT
R
S
R
L
C
L
OPA322
70
60
50
40
30
20
10
0
0
3000
CapacitiveLoad(pF)
2500
500
1000
1500
2000
G=1,V =1.8V
S
G=1,V =5.5V
S
G=10,V =1.8V
S
G=10,V =5.5V
S
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538A
– JANUARY 2011 – REVISED MAY 2011
CAPACITIVE LOAD AND STABILITY
The OPA322 is designed to be used in applications where driving a capacitive load is required. As with all op
amps, there may be specific instances where the OPA322 can become unstable. The particular op amp circuit
configuration, layout, gain, and output loading are some of the factors to consider when establishing whether an
amplifier is stable in operation. An op amp in the unity-gain (+1 V/V) buffer configuration and driving a capacitive
load exhibits a greater tendency to become unstable than an amplifier operated at a higher noise gain. The
capacitive load, in conjunction with the op amp output resistance, creates a pole within the feedback loop that
degrades the phase margin. The degradation of the phase margin increases as the capacitive loading increases.
When operating in the unity-gain configuration, the OPA322 remains stable with a pure capacitive load up to
approximately 1 nF.
The equivalent series resistance (ESR) of some very large capacitors (CL > 1 µF) is sufficient to alter the phase
characteristics in the feedback loop such that the amplifier remains stable. Increasing the amplifier closed-loop
gain allows the amplifier to drive increasingly larger capacitance. This increased capability is evident when
observing the overshoot response of the amplifier at higher voltage gains, as shown in Figure 29. One technique
for increasing the capacitive load drive capability of the amplifier operating in unity gain is to insert a small
resistor (RS), typically 10 Ω to 20 Ω, in series with the output, as shown in Figure 28.
This resistor significantly reduces the overshoot and ringing associated with large capacitive loads. A possible
problem with this technique is that a voltage divider is created with the added series resistor and any resistor
connected in parallel with the capacitive load. The voltage divider introduces a gain error at the output that
reduces the output swing. The error contributed by the voltage divider, however, may be insignificant. For
instance, with a load resistance, RL = 10 kΩ and RS = 20 Ω, the gain error is only about 0.2%. However, when RL
is decreased to 600
Ω, which the OPA322 is able to drive, the error increases to 7.5%.
Figure 28. Improving Capacitive Load Drive
Figure 29. Small-Signal Overshoot versus Capacitive Load (100-mVPP output step)
Copyright
© 2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com