Electronic Components Datasheet Search
  English  ▼

X  

KTC3198 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KTC3198
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTC3198 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KTC3198 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KTC3198 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KTC3198 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
KTC3198
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Features
Collector-base voltage
:
V(BR)CBO = 60V
01-Jun-2002 Rev. A
Page 1 of
3
MAXIMUM RATINGS* (Tamb =25 , unless otherwise s pec ified)
Symbol
Parameter
Value
Units
PCM
Power Dissipation
0.625
W
A
I CM
Collector Current
Storage Temperature
Junction Temperature
0.15
-55~+150
150
ELECTRICAL CHARACTERISTICS
CLASSIFICATION OF hFE(1)
Tamb=25
, unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic = 100
μA, IE = 0
60V
V(BR)CEO
Ic = 5 mA, IB=0
V
Rank
Range
O
Y
GR
BL
70-140
120-240
200-400
350-700
Emitter-base breakdown voltage
V(BR)EBO
IE= 100
μA, IC=0
5
50
V
Collector cut-off current
ICBO
VCB= 60V, IE=0
0.1
A
Emitter cut-off current
Collector-emitter breakdown voltage
IEBO
VEB= 5V, IC=0
0.1
A
hFE 1
VCE= 6V , IC=2 mA
hFE 2
VCE= 6V , IC = 150 mA
70
700
DC current gain
IC= 100 mA, IB= 10 mA
Collector-emitter saturation voltage
VCEsat
V
IC= 100 mA, IB= 10 mA
0.25
0.1
100
25
Base-emitter saturation voltage
VBEsat
1
V
Transition frequency
fT
VCE=10V,IC=1mA, f=30MHz
80
MHz
Tstg
TJ
C
O
C
O
2.54±0.1
(1.27 Typ.)
13
2
1: Emitter
2: Base
3: Collector
1.25±0.2
4.55±0.2
3.5±0.2
0.46±0.1
0.43+0.08
–0.07
TO-92
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - KTC3198

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3198 KEC-KTC3198 Datasheet
544Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Tiger Electronic Co.,Lt...
KTC3198 TGS-KTC3198 Datasheet
123Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
logo
Foshan Blue Rocket Elec...
KTC3198 FOSHAN-KTC3198 Datasheet
1,004Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTC3198 JIANGSU-KTC3198 Datasheet
201Kb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTC3198 KEXIN-KTC3198 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - KTC3198

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
ON Semiconductor
MMBT2907AWT1G ONSEMI-MMBT2907AWT1G Datasheet
89Kb / 3P
General Purpose Transistor
February, 2011 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com