Electronic Components Datasheet Search
  English  ▼

X  

KTC3198 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # KTC3198
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTC3198 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  KTC3198 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KTC3198 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KTC3198 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
KTC3198
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
3 of 3
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
h PARAMETER - I
C
COLLECTOR CURRENT I (mA)
0.1
0.3
30 50
0.1
C
10
3
1
0.3
1
3
10
30
100
300
1k
2k
COMMON EMITTER f=270Hz
V =12V
Ta=25 C
CE
BL
GR
Y
O
hfe
BL
BL
BL
GR
GR
GR
Y
Y
Y
O
O
O
ie
h x
h x
h x
kΩ
ie
h x kΩ
h x
oe
10
re
-4
CE
h PARAMETER - V
2k
1k
300
100
30
10
3
1
0.3
0.1
10
30
100
300
3
0.5
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
1
COMMON EMITTER
I =2mA Ta=25 C f=270Hz
C
BL
GR
Y
O
fe
h
oe
h
-4
re
10
BL
BL
BL
GR
GR
GR
Y
Y
Y
O
O
O
25
50
75
100
125
150
175
100
200
300
400
500
600
700
μ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com