Electronic Components Datasheet Search
  English  ▼

X  

KTC3198 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KTC3198
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTC3198 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KTC3198 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KTC3198 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KTC3198 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
KTC3198
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3
0
0
COLLECTOR-EMITTER VOLTAGE V
(V) CE
CE
C
I
- V
30
1k
300
100
0.3
0.1
COLLECTOR CURRENT I
(mA)
C
h
- I
0.3
3
0.01
300
100
30
0.1
COLLECTOR CURRENT I
(mA)
C
V
- I
10
0.3
3k
0
BASE-EMITTER VOLTAGE V
(V)BE
I
- V
40
80
120
160
200
240
1234
5
6
7
COMMON
EMITTER
Ta=25 C
6.0
5.0
3.0
2.0
1.0
0.5
I =0.2mA
0
B
FE
C
1
3
10
30
50
100
300
500
10
CE(sat)
C
0.3
1
3
10
0.03
0.05
0.1
0.5
1
COMMON
EMITTER
I /I =10
CB
Ta=100 C
25 C
-25 C
CE
V
=-10V
Ta=25 C
COMMON EMITTER
1k
500
100
50
30
-10
-3
-1
-0.3
E
T
f
- I
E
EMITTER CURRENT I
(mA)
-0.1
-30
-100
-300
10
3k
300
BB E
0.2
0.4
0.6
0.8
1.0
1.2
1
3
30
100
300
1k
COMMON
V
=6V
CE
EMITTER
COMMON
Ta=100 C
Ta=25 C
Ta=-25 C
V
=6V
CE
CE
V
=1V
EMITTER
0.1
5
3
1
0.5
30
10
3
1
C
BE(sat)
V
- I
C
COLLECTOR CURRENT I
(mA)
0.1
0.3
100
300
10
0.3
B
C
I /I =10
Ta=25 C
COMMON
EMITTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com