Electronic Components Datasheet Search
  English  ▼

X  

TPS62730 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62730
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62730 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62730 Datasheet HTML 1Page - Texas Instruments TPS62730 Datasheet HTML 2Page - Texas Instruments TPS62730 Datasheet HTML 3Page - Texas Instruments TPS62730 Datasheet HTML 4Page - Texas Instruments TPS62730 Datasheet HTML 5Page - Texas Instruments TPS62730 Datasheet HTML 6Page - Texas Instruments TPS62730 Datasheet HTML 7Page - Texas Instruments TPS62730 Datasheet HTML 8Page - Texas Instruments TPS62730 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS62730
SLVSAC3
– MAY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
Automatic Bypass Mode Transition
Thresholds VIT BYP
PACKAGE
PART
OUTPUT VOLTAGE
TA
ORDERING
NUMBER(1)
[V](2)
MARKING
VIT BYP [V]
VIT BYP [V]
VIT BYP [mV]
rising VIN
falling VIN
hysteresis
TPS62730
2.10
2.25
2.20
50
TPS62730DRY
RP
TPS62731 (2)
2.05
2.2
2.15
50
TPS62731DRY
RQ
–40°C to
TPS62732 (2)
1.90
2.10
2.05
50
TPS62732DRY
RR
85
°C
TPS62734 (2)
2.10
2.28
2.23
50
TPS62734DRY
SL
TPS62735 (2)
2.10
2.33
2.23
100
TPS62735DRY
SM
(1)
The DRY package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel, T suffix for 250 parts per reel.
(2)
Device status is product preview, contact TI for more details
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range(2)
VIN, SW, VOUT
–0.3
4.2
V
ON/BYP, STAT
–0.3
VIN +0.3, ≤4.2
V
Temperature range
Operating junction temperature, TJ
–40
125
°C
Storage, Tstg
–65
150
°C
ESD rating(3)
Human Body Model - (HBM)
2
kV
Machine Model (MM)
150
V
Charge Device Model - (CDM)
1
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
THERMAL METRIC(1)
DRY / 6 PINS
UNITS
θJA
Junction-to-ambient thermal resistance
293.8
θJCtop
Junction-to-case (top) thermal resistance
165.1
θJB
Junction-to-board thermal resistance
160.8
°C/W
ψJT
Junction-to-top characterization parameter
27.3
ψJB
Junction-to-board characterization parameter
159.6
θJCbot
Junction-to-case (bottom) thermal resistance
65.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
operating ambient temperature TA = –40 to 85°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage VIN
1.9
3.9
V
Effective inductance
1.5
2.2
3
μH
Effective output capacitance connected to VOUT
1.0
10
μF
Operating junction temperature range, TJ
–40
125
°C
TA Operating free air temperature range
-40
85
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com