Electronic Components Datasheet Search
  English  ▼

X  

TPS62730 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62730
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62730 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62730 Datasheet HTML 17Page - Texas Instruments TPS62730 Datasheet HTML 18Page - Texas Instruments TPS62730 Datasheet HTML 19Page - Texas Instruments TPS62730 Datasheet HTML 20Page - Texas Instruments TPS62730 Datasheet HTML 21Page - Texas Instruments TPS62730 Datasheet HTML 22Page - Texas Instruments TPS62730 Datasheet HTML 23Page - Texas Instruments TPS62730 Datasheet HTML 24Page - Texas Instruments TPS62730 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
V
IN
GND
V
OUT
C2
L1
Totalarea
islessthan
12mm²
TPS62730
www.ti.com
SLVSAC3
– MAY 2011
These are the basic signals that need to be measured when evaluating a switching converter. When the
switching waveform shows large duty cycle jitter or the output voltage or inductor current shows oscillations, the
regulation loop may be unstable. This is often a result of board layout and/or L-C combination.
As a next step in the evaluation of the regulation loop, the load transient response is tested. The time between
the application of the load transient and the turn on of the High Side MOSFET, the output capacitor must supply
all of the current required by the load. VOUT immediately shifts by an amount equal to ΔI(LOAD) x ESR, where ESR
is the effective series resistance of COUT. ΔI(LOAD) begins to charge or discharge CO generating a feedback error
signal used by the regulator to return VOUT to its steady-state value. The results are most easily interpreted when
the device operates in PWM mode.
During this recovery time, VOUT can be monitored for settling time, overshoot or ringing that helps judge the
converter
’s stability. Without any ringing, the loop has usually more than 45° of phase margin.
Because the damping factor of the circuitry is directly related to several resistive parameters (e.g., MOSFET
rDS(on)) that are temperature dependant, the loop stability analysis has to be done over the input voltage range,
load current range, and temperature range.
LAYOUT CONSIDERATIONS
As for all switching power supplies, the layout is an important step in the design. Especially RF designs demand
careful attention to the PCB layout. Care must be taken in board layout to get the specified performance. If the
layout is not carefully done, the regulator could show poor line and/or load regulation, stability issues as well as
EMI problems and interference with RF circuits. It is critical to provide a low inductance, impedance ground path.
Therefore, use wide and short traces for the main current paths. The input capacitor should be placed as close
as possible to the IC pins as well as the inductor and output capacitor. Use a common Power GND node and a
different node for the Signal GND to minimize the effects of ground noise. Keep the common path to the GND
PIN, which returns the small signal components and the high current of the output capacitors as short as
possible to avoid ground noise. The VOUT line should be connected to the output capacitor and routed away
from noisy components and traces (e.g. SW line).
Figure 33. Recommended PCB Layout for TPS62730
Copyright
© 2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com