Electronic Components Datasheet Search
  English  ▼

X  

TPS62730 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62730
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62730 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62730 Datasheet HTML 9Page - Texas Instruments TPS62730 Datasheet HTML 10Page - Texas Instruments TPS62730 Datasheet HTML 11Page - Texas Instruments TPS62730 Datasheet HTML 12Page - Texas Instruments TPS62730 Datasheet HTML 13Page - Texas Instruments TPS62730 Datasheet HTML 14Page - Texas Instruments TPS62730 Datasheet HTML 15Page - Texas Instruments TPS62730 Datasheet HTML 16Page - Texas Instruments TPS62730 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPS62730
V
= 2.1 V
OUT
ON/BYP = V
IN
R
I
= 26mA
L = 2.2 H
C
= 2.2 F
Load
OUT
OUT
= 82W
m
m
V = 3.6V
IN
V = 3.0V
IN
V = 2.7V
IN
V = 2.3V
IN
Ref. Lev. 1mV
RBW 30kHz
VBW 20kHz
SWT 42ms
1m
900m
800m
700m
600m
500m
400m
300m
200m
100m
10n
Start 0Hz
Stop 10 MHz
1MHz/Div
Frequency
I
With TPS62730
BAT
15
17
19
21
23
25
27
29
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
Battery Voltage - V
BAT
Battery Current
Reduction @
CC2540
0dBm CW TX
Power
Battery Current Reduction of CC2540
2.4GHz Bluetooth Low Energy
System-On-Chip Solution
I
NO TPS62730
BAT
Status Output
ON/BYP
DC/DC Operation
Bypass Operation
50mA/Div
TPS62730
V = 2.3V
IN
I
L = 2.2 H
C
= 2.2 F
C
= 3.6 F
OUT
OUT
Load
= 1mA to 50mA
m
m
m
TPS62730
www.ti.com
SLVSAC3
– MAY 2011
TYPICAL CHARACTERISTICS (continued)
Figure 25. Spurious Output Noise TPS62730 IOUT 26mA
Figure 26. Battery Current Reduction vs Battery Voltage
Figure 27. Mode Transition ON/BYP Behavior
Copyright
© 2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com