Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4403
Description  Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4403 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Any changing of specification will not be informed individual
MMBT4403
PNP Silicon
Switching Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 3 of 4
6
8
10
0
4
2
0.1
2.0 5.0
10 20
50
1.0
0.5
0.2
0.01 0.02 0.05
100
Figure 8. Frequency Effects
f, FREQUENCY (kHz)
SMALL−SIGNAL CHARACTERISTICS NOISE FIGURE
VCE = −10 Vdc, TA = 25
°C; Bandwidth = 1.0 Hz
IC = 1.0 mA, RS = 430 W
IC = 500 mA, RS = 560 W
IC = 50 mA, RS = 2.7 kW
IC = 100 mA, RS = 1.6 kW
RS = OPTIMUM SOURCE RESISTANCE
50
100
200
500
1k
2k
5k
10k 20k
50k
6
8
10
0
4
2
Figure 9. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
f = 1 kHz
IC = 50 mA
100 mA
500 mA
1.0 mA
h PARAMETERS
VCE = 10 Vdc, f = 1.0 kHz, TA = 255C
This group of graphs illustrates the relationship between hfe and other ªhº parameters for this series of transistors. T o obtain
these curves, a high-gain and a low-gain unit were selected from the MMBT4403 lines, and the same units were used to
develop the correspondingly numbered curves on each graph.
Figure 10. Current Gain
IC, COLLECTOR CURRENT (mAdc)
0.1
0.2
0.5 0.7 1.0
2.0
3.0
10
0.3
300
700
30
200
100
1000
Figure 11. Input Impedance
IC, COLLECTOR CURRENT (mAdc)
100 k
100
50
5.0 7.0
20 k
10 k
5 k
2 k
1 k
0.1
0.2
0.5 0.7 1.0
2.0
3.0
10
0.3
5.0 7.0
Figure 12. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mAdc)
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
0.1
20
Figure 13. Output Admittance
IC, COLLECTOR CURRENT (mAdc)
500
1.0
5.0 7.0
50
20
10
5.0
2.0
5.0
2.0
1.0
0.5
0.2
MMBT4403 UNIT 1
MMBT4403 UNIT 2
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
5.0 7.0
500
70
50 k
500
200
10
100
MMBT4403 UNIT 1
MMBT4403 UNIT 2
MMBT4403 UNIT 1
MMBT4403 UNIT 2
MMBT4403 UNIT 1
MMBT4403 UNIT 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com