Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4403
Description  Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4403 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
MMBT4403
PNP Silicon
Switching Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 4 of 4
STATIC CHARACTERISTICS
Figure 14. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 15. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
IC = 1.0 mA
0.07
0.05
0.03
0.02
0.01
10 mA
100 mA
10
20
30
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0 7.0
TJ = 125°C
−55 °C
2.0
200
300
25°C
VCE = 1.0 V
VCE = 10 V
Figure 16. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 17. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0 2.0
5.0
10
20
50
0
100
0.5
0
0.5
1.0
1.5
2.0
500
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(sat) @ VCE = 10 V
qVC for VCE(sat)
qVS for VBE
200
0.1 0.2
0.5
2.5
1.0 2.0
5.0
10
20
50 100
500
200
0.1 0.2
0.5
500 mA
0.005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com