Electronic Components Datasheet Search
  English  ▼

X  

MMDT2227 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT2227
Description  Multi-Chip Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT2227 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMDT2227 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Any changing of specification will not be informed individual
MMDT2227
NPN-PNP Silicon
Multi-Chip Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
* Features
Power dissipation
PCM : 0.2 W (Tamp.= 25 C)
Collector current
ICM : 0.2/-0.2 A
Collector-base voltage
V(BR)CBO : 75/-60 V
Operating & Storage junction Temperature
Tj, Tstg : -55 C~ +150 C
O
O
O
Electrical Characteristics( Tamb=25OC unless otherwise specified)
C
2
B
1
E
1
E
2
B
2
C
1
NPN2222A ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=1
0μA,IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
10mA,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1
0μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=
60V,IE=0
10
nA
Emitter cut-off current
IEBO
VEB=3V,IC=0
10
nA
DC current gain
hFE
VCE=10V,IC=
150mA
100
300
VCE(sat)1
IC=1
50mA,IB=15mA
0.3
V
Collector-emitter saturation voltage
VCE(sat)2
IC=
500mA,IB=50mA
1
V
VBE(sat)1
IC=1
50mA,IB=15mA
1.2
V
Base -emitter saturation voltage
VBE(sat)2
IC=
500mA,IB=50mA
2
V
Transition frequency
fT
VCE=
20V,IC=20mA,f=100MHz
300
MHz
Collector output capacitance
Cob
VCB=
10V,IE=0,f=1MHz
8
pF
Noise Figure
NF
VCE=
10V,Ic=0.1mA,
f=
1KHZ,Rs=1KΩ
4
dB
01-Jan-2006 Rev. B
Page 1 of 6
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.055(1.40)
.047(1.20)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0


Similar Part No. - MMDT2227

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2227 DIODES-MMDT2227 Datasheet
53Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. B-2
MMDT2227 DIODES-MMDT2227 Datasheet
87Kb / 4P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. 8 - 2
MMDT2227 DIODES-MMDT2227 Datasheet
201Kb / 4P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
logo
Micro Commercial Compon...
MMDT2227 MCC-MMDT2227 Datasheet
271Kb / 3P
NPN/PNP Small Signal Surface Mount Transistors
More results

Similar Description - MMDT2227

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN Datasheet
699Kb / 3P
Multi-Chip Transistor
BC847S SECOS-BC847S Datasheet
284Kb / 3P
Multi-Chip Transistor
BC857S SECOS-BC857S Datasheet
851Kb / 2P
Multi-Chip Transistor
MMDT2222A SECOS-MMDT2222A Datasheet
421Kb / 4P
Multi-Chip Transistor
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
Multi-Chip Transistor
MMDT3946 SECOS-MMDT3946 Datasheet
908Kb / 5P
Multi-Chip Transistor
MMDT4401 SECOS-MMDT4401 Datasheet
495Kb / 2P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227_15 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
Multi-Chip Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com