Electronic Components Datasheet Search
  English  ▼

X  

MMDT2227 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT2227
Description  Multi-Chip Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT2227 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMDT2227 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Any changing of specification will not be informed individual
MMDT2227
NPN-PNP Silicon
Multi-Chip Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
PNP2907A
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-1
0μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-
10mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-5
0V,IE=0
-10
nA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-10
nA
DC current gain
hFE
VCE=-10V,IC=-
150mA
100
300
VCE(sat)1
IC=-1
50mA,IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)2
IC=-
500mA,IB=-50mA
-1.6
V
VBE(sat)1
IC=-1
50mA,IB=-15mA
-1.3
V
Base -emitter saturation voltage
VBE(sat)2
IC=-
500mA,IB=-50mA
-2.6
V
Transition frequency
fT
VCE=-
20V,IC=-50mA,f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=-
10V,IE=0,f=1MHz
8
pF
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
+16 V
–2 V
< 2 ns
0
1.0 to 100
µs,
Duty Cycle
≈ 2.0%
1 k
Ω
+ 30 V
200
CS* < 10 pF
+16 V
–14 V
0
< 20 ns
1.0 to 100
µs,
Duty Cycle
≈ 2.0%
1 k
+ 30 V
200
CS* < 10 pF
–4 V
1N914
01-Jan-2006 Rev. B
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com