Electronic Components Datasheet Search
  English  ▼

X  

MMDT2227 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT2227
Description  Multi-Chip Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT2227 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  MMDT2227 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MMDT2227 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Any changing of specification will not be informed individual
MMDT2227
NPN-PNP Silicon
Multi-Chip Transistor
TYPICAL CHARACTERISTICS
Figure 13. DC Current Gain
IC, Collector Current (mA)
0.3
0.5
0.7
1.0
3.0
0.2
–0.1
TJ = 125°C
25
°C
–55
°C
VCE = –1.0 V
VCE = –10 V
2.0
–0.2
–0.3
–0.5 –0.7
–1.0
–2.0
–3.0
–5.0 –7.0
–10
–20
–30
–50 –70
–100
–200
–300
–500
Figure 14. Collector Saturation Region
IB, Base Current (mA)
–0.4
–0.6
–0.8
–1.0
–0.2
0
IC = –1.0 mA
–0.005
–10 mA
–0.01
–100 mA
–500 mA
–0.02 –0.03 –0.05 –0.07 –0.1
–0.2
–0.3
–0.5 –0.7 –1.0
–2.0
–3.0
–5.0 –7.0 –10
–20
–30
–50
Figure 15. Turn–On Time
IC, Collector Current
300
–5.0
Figure 16. Turn–Off Time
IC, Collector Current (mA)
–5.0
200
100
70
50
30
20
10
7.0
5.0
3.0
–7.0 –10
–20 –30
–50 –70 –100
–200 –300
–500
tr
2.0 V
td @ VBE(off) = 0 V
VCC = –30 V
IC/IB = 10
TJ = 25°C
500
300
100
70
50
30
20
10
7.0
5.0
–7.0 –10
–20 –30
–50 –70 –100
–200 –300 –500
200
tf
t
′s = ts – 1/8 tf
VCC = –30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
PNP2907
01-Jan-2006 Rev. B
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com