Electronic Components Datasheet Search
  English  ▼

X  

UCD90160 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90160
Description  16-Rail Power Supply Sequencer and Monitor with ACPI Support
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90160 Datasheet(HTML) 2 Page - Texas Instruments

  UCD90160 Datasheet HTML 1Page - Texas Instruments UCD90160 Datasheet HTML 2Page - Texas Instruments UCD90160 Datasheet HTML 3Page - Texas Instruments UCD90160 Datasheet HTML 4Page - Texas Instruments UCD90160 Datasheet HTML 5Page - Texas Instruments UCD90160 Datasheet HTML 6Page - Texas Instruments UCD90160 Datasheet HTML 7Page - Texas Instruments UCD90160 Datasheet HTML 8Page - Texas Instruments UCD90160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Comparators
Monitor
Inputs
12-bit
200ksps,
ADC
(0.5% Int. Ref)
SEQUENCING ENGINE
BOOLEAN
Logic Builder
JTAG
Or
GPIO
I2C/PMBus
FLASH Memory
User Data, Fault
and Peak Logging
16
6
64-pin QFN
22
General Purpose I/O
(GPIO)
Digital Inputs (8 max)
Digital Outputs (16 max)
Rail Enables (16 max)
Margining Outputs (10 max)
Multi-phase PWM (8 max)
UCD90160
SLVSAC8A
– NOVEMBER 2010 – REVISED APRIL 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see
the TI Web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Voltage applied at V33D to DVSS
–0.3 to 3.8
V
Voltage applied at V33A to AVSS
–0.3 to 3.8
V
Voltage applied to any other pin (2)
–0.3 to (V33A + 0.3)
V
Storage temperature (Tstg)
–40 to 150
°C
Human-body model (HBM)
2.5
kV
ESD rating
Charged-device model (CDM)
750
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS
2
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com