Electronic Components Datasheet Search
  English  ▼

X  

UCD90160 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90160
Description  16-Rail Power Supply Sequencer and Monitor with ACPI Support
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90160 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD90160 Datasheet HTML 9Page - Texas Instruments UCD90160 Datasheet HTML 10Page - Texas Instruments UCD90160 Datasheet HTML 11Page - Texas Instruments UCD90160 Datasheet HTML 12Page - Texas Instruments UCD90160 Datasheet HTML 13Page - Texas Instruments UCD90160 Datasheet HTML 14Page - Texas Instruments UCD90160 Datasheet HTML 15Page - Texas Instruments UCD90160 Datasheet HTML 16Page - Texas Instruments UCD90160 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
UCD90160
www.ti.com
SLVSAC8A
– NOVEMBER 2010 – REVISED APRIL 2011
Figure 8. Fusion GUI Flash-Error Log (Logged Faults)
POWER-SUPPLY SEQUENCING
The UCD90160 can control the turn-on and turn-off sequencing of up to 16 voltage rails by using a GPIO to set a
power-supply enable pin high or low. In PMBus-based designs, the system PMBus master can initiate a
sequence-on event by asserting the PMBUS_CNTRL pin or by sending the OPERATION command over the I2C
serial bus. In pin-based designs, the PMBUS_CNTRL pin can also be used to sequence-on and sequence-off.
The auto-enable setting ignores the OPERATION command and the PMBUS_CNTRL pin. Sequence-on is
started at power up after any dependencies and time delays are met for each rail. A rail is considered to be on or
within regulation when the measured voltage for that rail crosses the power-good on (POWER_GOOD_ON(1))
limit. The rail is still in regulation until the voltage drops below power-good off (POWER_GOOD_OFF). In the
case that there isn't voltage monitoring set for a given rail, that rail is considered ON if it is commanded on (either
by
OPERATION
command,
PMBUS
CNTRL
pin,
or
auto-enable)
and
(TON_DELAY
+
TON_MAX_FAULT_LIMIT) time passes. Also, a rail is considered OFF if that rail is commanded OFF and
(TOFF_DELAY + TOFF_MAX_WARN_LIMIT) time passes
(1)
In this document, configuration parameters such as Power Good On are referred to using Fusion GUI names. The UCD90xxx
Sequencer and System Health Controller PMBus Command Reference name is shown in parentheses (POWER_GOOD_ON) the first
time the parameter appears.
Copyright
© 2010–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com