Electronic Components Datasheet Search
  English  ▼

X  

UCD90160 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90160
Description  16-Rail Power Supply Sequencer and Monitor with ACPI Support
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90160 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD90160 Datasheet HTML 17Page - Texas Instruments UCD90160 Datasheet HTML 18Page - Texas Instruments UCD90160 Datasheet HTML 19Page - Texas Instruments UCD90160 Datasheet HTML 20Page - Texas Instruments UCD90160 Datasheet HTML 21Page - Texas Instruments UCD90160 Datasheet HTML 22Page - Texas Instruments UCD90160 Datasheet HTML 23Page - Texas Instruments UCD90160 Datasheet HTML 24Page - Texas Instruments UCD90160 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
3ms
3ms
1ms
GPI
GPO
UCD90160
www.ti.com
SLVSAC8A
– NOVEMBER 2010 – REVISED APRIL 2011
Table 5. Rail-Status Types for Boolean Logic
Rail-Status Types
POWER_GOOD
TON_MAX_FAULT
VOUT_UV_WARN_LATCH
MARGIN_EN
TOFF_MAX_WARN
VOUT_UV_FAULT_LATCH
MRG_LOW_nHIGH
SEQ_ON_TIMEOUT
TON_MAX_FAULT_LATCH
VOUT_OV_FAULT
SEQ_OFF_TIMEOUT
TOFF_MAX_WARN_LATCH
VOUT_OV_WARN
SYSTEM_WATCHDOG_TIMEOUT
SEQ_ON_TIMEOUT_LATCH
VOUT_UV_WARN
VOUT_OV_FAULT_LATCH
SEQ_OFF_TIMEOUT_LATCH
VOUT_UV_FAULT
VOUT_OV_WARN_LATCH
SYSTEM_WATCHDOG_TIMEOUT_LATCH
GPO Delays
The GPOs can be configured so that they manifest a change in logic with a delay on assertion, deassertion, both
or none. GPO behavior using delays will have different effects depending if the logic change occurs at a faster
rate than the delay. On a normal delay configuration, if the logic for a GPO changes to a state and reverts back
to previous state within the time of a delay then the GPO will not manifest the change of state on the pin. In
Figure 15 the GPO is set so that it follows the GPI with a 3ms delay at assertion and also at de-assertion. When
the GPI first changes to high logic state, the state is maintained for a time longer than the delay allowing the
GPO to follow with appropriate logic state. The same goes for when the GPI returns to its previous low logic
state. The second time that the GPI changes to a high logic state it returns to low logic state before the delay
time expires. In this case the GPO does not change state. A delay configured in this manner serves as a glitch
filter for the GPO.
Figure 15. GPO Behavior When Not Ignoring Inputs During Delay
The Ignore Input During Delay bit allows to output a change in GPO even if it occurs for a time shorter than the
delay. This configuration setting has the GPO ignore any activity from the triggering event until the delay expires.
Figure 16 represents the two cases for when ignoring the inputs during a delay. In the case in which the logic
changes occur with more time than the delay, the GPO signal looks the same as if the input was not ignored.
Then on a GPI pulse shorter than the delay the GPO still changes state. Any pulse that occurs on the GPO when
having the Ignore Input During Delay bit set will have a width of at least the time delay.
Copyright
© 2010–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com