Electronic Components Datasheet Search
  English  ▼

X  

LX1721 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1721 Datasheet HTML 1Page - Microsemi Corporation LX1721 Datasheet HTML 2Page - Microsemi Corporation LX1721 Datasheet HTML 3Page - Microsemi Corporation LX1721 Datasheet HTML 4Page - Microsemi Corporation LX1721 Datasheet HTML 5Page - Microsemi Corporation LX1721 Datasheet HTML 6Page - Microsemi Corporation LX1721 Datasheet HTML 7Page - Microsemi Corporation LX1721 Datasheet HTML 8Page - Microsemi Corporation LX1721 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2001
Rev. 1.2a,2004-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
FUNCTIONAL PIN DESCRIPTION
PIN NAME
DESCRIPTION
PIN NAME
DESCRIPTION
LFAOUT
Left Feedback Amplifier Output
LFBK-
Left Feedback Amplifier Inverting Input
CPWM
PWM Capacitor Connection
LFBK+
Left Feedback Amplifier Non-Inverting
Input
RPWM
PWM Resistor Connection
LISN
Left Current Limit Sense Input
LMUTE
Left Mute Input (Active High)
VDD
Analog Supply Voltage
LEAOUT
Left Error Amplifier Output
CN
Supply Decoupling for NFET Drivers
LEAIN
Left Inverting Input of Error Amplifier
PVDD
Output Driver Supply Voltage
VREF
5V Reference
PGND
Output Driver High Current Ground
CLOCK
Input / Output Clock for Synch Operation
LN+
Left Drive for NFET on Positive Half of
Bridge
GND
Low Current Ground
LP+
Left Drive for PFET on Positive Half of
Bridge
V25
2.5V Reference
LP-
Left Drive for PFET on Negative Half of
Bridge
LIN+
Left Positive Audio Input
LN-
Left Drive for NFET on Negative Half of
Bridge
LIN-
Left Negative Audio Input
RN-
Right Drive for NFET on Negative Half of
Bridge
LAMPOUT
Left Input Amplifier Output
RP-
Right Drive for PFET on Negative Half of
Bridge
RIN+
Right Positive Audio Input
RP+
Right Drive for PFET on Positive Half of
Bridge
RIN-
Right Negative Audio Input
RN+
Right Drive for NFET on Positive Half of
Bridge
RAMPOUT
Right Input Amplifier Output
PGND
Output Driver High Current Ground
SLEEP
Sleep Input (active low)
CP
Supply Decoupling for PFET Drivers
STATUS
UVLO Indicator (Open Collector Output)
PVDD
Output Driver Supply Voltage
RMUTE
Right Mute Input (Active High)
NC
No Connect
REAIN
Right Inverting Input of Error Amplifier
RISN
Right Current Limit Sense Input
REAOUT
Right Error Amplifier Output
RFBK+
Left Feedback Amplifier Non-Inverting
Input
RFAOUT
Right Feedback Amplifier Output
RFBK-
Right Feedback Amplifier Inverting Input
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (PVDD, VDD) ............................................................................................................................. -0.3V to 30V
SLEEP , STATUS, R/LFBK+, R/LFBK- .................................................................................................-0.3V to VDD +0.3V
R/LISN .........................................................................................................................................PVDD –2 to PVDD to +0.3V
RPWM, CPWM, R/LMUTE ................................................................................................................... -0.3V to VREF +0.3V
R/LIN+, R/LIN-, R/LAMPOUT.............................................................................................................. -0.3V to VREF +0.3V
R/LEAIN, R/LEAOUT, R/LFAOUT ..................................................................................................... -0.3V to VREF + 0.3V
CLOCK ........................................................................................................................................................-0.3V to CN +0.3V
Operating Junction Temperature Plastic........................................................................................................................... 125°C
Storage Temperature Range ...............................................................................................................................-65°C to 150°C
Lead Temperature (Soldering, 10 seconds)...................................................................................................................... 300°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into negative out of the
specified terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com